Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SM08010-42 Datasheet(Fiches technique) 1 Page - Stealth Microwave, Inc.

Numéro de pièce SM08010-42
Description  800-1000 MHz 12 Watt Linear Power Amplifier
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Site Internet  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM08010-42 Datasheet(HTML) 1 Page - Stealth Microwave, Inc.

  SM08010-42 Datasheet HTML 1Page - Stealth Microwave, Inc. SM08010-42 Datenblatt HTML 2Page - Stealth Microwave, Inc. SM08010-42 Datenblatt HTML 3Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM08010-42
800-1000 MHz
12 Watt Linear Power Amplifier
GSM APPLICATIONS
Parameter
Specification
Frequency Range
800 - 1000 MHz
Pout (P1dB)
+ 42 dBm
Pout (Psat)
+ 43 dBm
Third Order Intercept Point
+ 52 dBm (typ.)
Linear Gain
50 dB ± 1 dB
Gain Flatness over Full
Band
± .5 dB
Input / Output Return Loss
-14 dB / -16 dB
DC Input Voltage
+ 12 Volts
DC Input Current
6.0 Amperes
(Varies per application)
Mechanical Dimensions
Without Heatsink
6.7 x 4.0 x 0.8 Inches
RF Connectors
SMA Female
Operating Temperature
(Baseplate)
0ºC to +85ºC
Operating Humidity
95% Non-condensing
Operating Altitude
Up to 10,000 feet above Sea
Level
Specifications subject to change without notice
The SM08010-42 is a solid state GaAs FET
amplifier designed for the Cellular/Global
Standard for Mobile (GSM) market. This
amplifier operates from 800 – 1000 MHz,
provides 50 dB of gain, ± 0.5 dB gain
flatness over the full band, and +42 dBm of
output power at its 1 dB compression point.
The output third order intercept point is +52
dBm. Its compact size and high linearity
make it ideally suited for systems using
CDMA or TDMA standards.
Features
• Mis-Match Protected
• Temperature compensation
• Single Power Supply
• Over/Reverse Voltage Protection
• Thermal Protection with Auto Reset
Options
• Logic On/Off Control
• Forward Power Detector
• Fan
• Heatsink
Configurations
• Module
• Bench-Top Lab Unit
• 19” Rack


Html Pages

1  2  3