Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX2.5C12 Fiches technique(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

No de pièce BZX2.5C12
Description  SILICON PLANAR POWER ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Site Internet  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BZX2.5C12 Fiches technique(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  BZX2.5C12 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BZX2.5C12 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. BZX2.5C12 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dated : 12/06/2007
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
BZX2.5C
SILICON PLANAR POWER ZENER DIODES
for use in stabilizing and clipping circuits with high
power rating. The Zener voltages are graded
according to the international E 24 standard. Other
tolerances and higher Zener voltage upon request.
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Power Dissipation
Ptot
2.5
1)
W
Junction Temperature
Tj
200
O
C
Storage Temperature Range
TS
- 55 to + 200
O
C
1) Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature.
Characteristics at Ta = 25 OC
Parameter
Symbol
Max.
Unit
Thermal Resistance Junction to Ambient Air
RthA
130
1)
K/W
1) Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature.
Max. 4.2
Max. 2.8
Glass Case DO-41
Max. 0.7
Min. 25.4
Min. 25.4
XXX
Cathode Band
Part No.
ST
"ST" Brand
Dimensions in mm
Black
Black
Black


Numéro de pièce similaire - BZX2.5C12

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
BZX20 ETC1-BZX20 Datasheet
105Kb / 3P
   SILICON EPITAXIAL PLANAR TYPE
logo
Diotech Company.
BZX20 DIOTECH-BZX20 Datasheet
1Mb / 3P
   1.3W EPITAXIAL ZENER DIODE
logo
List of Unclassifed Man...
BZX22 ETC1-BZX22 Datasheet
105Kb / 3P
   SILICON EPITAXIAL PLANAR TYPE
logo
Diotech Company.
BZX22 DIOTECH-BZX22 Datasheet
1Mb / 3P
   1.3W EPITAXIAL ZENER DIODE
logo
List of Unclassifed Man...
BZX24 ETC1-BZX24 Datasheet
105Kb / 3P
   SILICON EPITAXIAL PLANAR TYPE
More results

Description similaire - BZX2.5C12

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
ZMU100 SEMTECH-ZMU100 Datasheet
134Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
logo
GOOD-ARK Electronics
1N4728 GOOD-ARK-1N4728 Datasheet
34Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Nanjing International G...
ZM1.5C DGNJDZ-ZM1.5C Datasheet
83Kb / 2P
   Silicon Planar Power Zener Diodes
logo
Chenmko Enterprise Co. ...
MMGZ5221BPT CHENMKO-MMGZ5221BPT Datasheet
120Kb / 5P
   SILICON PLANAR POWER ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX85C SEMTECH_ELEC-BZX85C Datasheet
254Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
New Jersey Semi-Conduct...
1N957 NJSEMI-1N957 Datasheet
140Kb / 2P
   Silicon Planar Power Zener Diodes
1N4727A NJSEMI-1N4727A Datasheet
164Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
PACELEADER INDUSTRIAL
ZM4728A PACELEADER-ZM4728A Datasheet
179Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Kingtronics Internation...
1N4727A-1N4761A KINGTRONICS-1N4727A-1N4761A Datasheet
499Kb / 5P
   Silicon Planar Power Zener Diodes
logo
Semtech Corporation
BZV85 SEMTECH-BZV85 Datasheet
277Kb / 3P
   SILICON PLANAR POWER ZENER DIODES???
logo
GOOD-ARK Electronics
ZM4728 GOOD-ARK-ZM4728 Datasheet
35Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com