Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM4450-41L Fiches technique(PDF) 1 Page - Stealth Microwave, Inc.

No de pièce SM4450-41L
Description  4400-5000 MHz 12 Watt Ultra-Linear Power Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Site Internet  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM4450-41L Fiches technique(HTML) 1 Page - Stealth Microwave, Inc.

  SM4450-41L Datasheet HTML 1Page - Stealth Microwave, Inc. SM4450-41L Datasheet HTML 2Page - Stealth Microwave, Inc. SM4450-41L Datasheet HTML 3Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM4450-41L
4400-5000 MHz
12 Watt Ultra-Linear Power Amplifier
Parameter
Specification
Frequency Range
4.40 – 5.00 GHz
Pout (P1dB)
+41 dBm (typ.)
Output Third Order
Intercept Point (OIP3)
+54 dBm (typ.)
Linear Gain
55 dB ± 1 dB
Gain Flatness
(over full band)
± .75 dB
Gain Change
(over temperature)
± .5 dB
Input/Output Return
Loss
-16 dB / -16dB
DC Input Voltage
+12 Volts
DC Input Current
(operating)
5.0 Amperes
Mechanical
Dimensions
7.50 x 3.97 x .79 inches
without heatsink
RF Connectors
SMA Female
Operating
Temperature
-20º to +85ºC Baseplate
Operating Humidity
95% Non-condensing
Operating Altitude
Up to 10,000 feet above
Sea Level
The SM4450-41L is a 4.4 to 5.0 GHz solid
state GaAs FET amplifier designed for
various
commercial
and
military
applications. The amplifier provides 55 dB
of linear gain with a P1dB of +41 dBm. Our
proprietary
pre-distortion
technique
improves the OIP3 by more than 4 dB. The
unit provides ultra-linear performance for
rigorous system requirements. It is available
in modular form (standard), as a lab unit or
in 19” rack mountable form.
Features
• Integrated Linearizer
• Single Power Supply
• Over Voltage Protection
• Thermal Protection with Auto Reset
• Temperature Compensation
Options
• Forward/Reverse Power Detection
• RF Sample Port
• High Speed Switching with a 1 us
rise/fall time
• TTL On/Off Control
• Integral Heatsink
Configurations
• Module (Standard)
• Laboratory Unit
• 19” Rack Mount


Numéro de pièce similaire - SM4450-41L

FabricantNo de pièceFiches techniqueDescription
logo
Stealth Microwave, Inc.
SM4450-43 STEALTH_MICROWAVE-SM4450-43 Datasheet
250Kb / 2P
   4400-5000 MHz X Watt Linear Power Amplifier
SM4450-43L STEALTH_MICROWAVE-SM4450-43L Datasheet
223Kb / 5P
   4400-5000 MHz 20 Watt Ultra-Linear Power Amplifier
More results

Description similaire - SM4450-41L

FabricantNo de pièceFiches techniqueDescription
logo
Stealth Microwave, Inc.
SM4450-43L STEALTH_MICROWAVE-SM4450-43L Datasheet
223Kb / 5P
   4400-5000 MHz 20 Watt Ultra-Linear Power Amplifier
SM4450-37S STEALTH_MICROWAVE-SM4450-37S Datasheet
93Kb / 3P
   4400 - 5000 MHz 5 Watt Linear Power Amplifier
SM4450-37HS STEALTH_MICROWAVE-SM4450-37HS Datasheet
93Kb / 3P
   4400 - 5000 MHz 5 Watt Linear Power Amplifier
SM4450-43 STEALTH_MICROWAVE-SM4450-43 Datasheet
250Kb / 2P
   4400-5000 MHz X Watt Linear Power Amplifier
SM5053-43L STEALTH_MICROWAVE-SM5053-43L Datasheet
185Kb / 4P
   5000-5300 MHz 20 Watt Ultra-Linear Power Amplifier
SM2025-41LS STEALTH_MICROWAVE-SM2025-41LS Datasheet
141Kb / 2P
   2000 - 2500 MHz 12 Watt Ultra-Linear Power Amplifier
SM2527-41L STEALTH_MICROWAVE-SM2527-41L Datasheet
85Kb / 2P
   2500-2700 MHz 12 Watt Ultra Linear Power Amplifier
SM2325-41 STEALTH_MICROWAVE-SM2325-41 Datasheet
115Kb / 2P
   2300-2500 MHz 12 Watt Linear Power Amplifier
SM08010-42 STEALTH_MICROWAVE-SM08010-42 Datasheet
129Kb / 3P
   800-1000 MHz 12 Watt Linear Power Amplifier
SM08010-42L STEALTH_MICROWAVE-SM08010-42L Datasheet
216Kb / 3P
   800-1000 MHz 12 Watt Linear Power Amplifier
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com