Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZY4.3 Fiches technique(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

No de pièce ZY4.3
Description  SILICON ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Site Internet  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ZY4.3 Fiches technique(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  ZY4.3 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ZY4.3 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. ZY4.3 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dated : 21/04/2008
F
E
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
ZY Series
SILICON ZENER DIODES
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Power Dissipation
Ptot
2
1)
W
Junction Temperature
Tj
150
O
C
Storage Temperature Range
TS
- 55 to + 150
O
C
1) Valid provided that leads are kept at ambient temperature at a distance of 10 mm from case.
.205(5.2)
.166(4.1)
1.0(25.4)
MIN.
.107(2.7)
.080(2.0)
1.0(25.4)
MIN.
.034(.9)
.028(.7)
Dimensions in inches and (millimeters)
DO-41 Plastic Package


Numéro de pièce similaire - ZY4.3

FabricantNo de pièceFiches techniqueDescription
logo
Diotec Semiconductor
ZY4.3 DIOTEC-ZY4.3 Datasheet
111Kb / 2P
   Silicon-Power-Z-Diodes (non-planar technology)
logo
EIC discrete Semiconduc...
ZY4.3 EIC-ZY4.3 Datasheet
43Kb / 2P
   SILICON ZENER DIODES
logo
Vishay Siliconix
ZY4.3 VISHAY-ZY4.3 Datasheet
320Kb / 7P
   Zener Diodes
02-May-02
logo
SUNMATE electronic Co.,...
ZY4.3 SUNMATE-ZY4.3 Datasheet
115Kb / 2P
   2 Watts Axial Leaded Zener Diodes
logo
Shanghai Semitech Semic...
ZY4.3 SEMITECH-ZY4.3 Datasheet
48Kb / 2P
   Low leakage current
More results

Description similaire - ZY4.3

FabricantNo de pièceFiches techniqueDescription
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
   Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
   SILICON ZENER DIODES
3EZ3.9D10 EIC-3EZ3.9D10 Datasheet
41Kb / 3P
   SILICON ZENER DIODES
Z043B EIC-Z043B Datasheet
111Kb / 2P
   SILICON ZENER DIODES
logo
Semikron International
3EZ1 SEMIKRON-3EZ1 Datasheet
42Kb / 1P
   Zener silicon diodes
logo
Continental Device Indi...
CLL957A CDIL-CLL957A Datasheet
287Kb / 3P
   SILICON ZENER DIODES
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com