Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM2325-53LD2 Fiches technique(PDF) 1 Page - Stealth Microwave, Inc.

No de pièce SM2325-53LD2
Description  2300-2500 MHz 200 Watt Peak Power Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Site Internet  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM2325-53LD2 Fiches technique(HTML) 1 Page - Stealth Microwave, Inc.

  SM2325-53LD2 Datasheet HTML 1Page - Stealth Microwave, Inc. SM2325-53LD2 Datasheet HTML 2Page - Stealth Microwave, Inc. SM2325-53LD2 Datasheet HTML 3Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM2325-53LD2
2300-2500 MHz
200 Watt Peak Power Amplifier
*Adjustable per customer requirements
Parameter
Specification
Frequency Range
2300-2500 MHz
RF Power @ 1dB
compression point
53dBm (typ.)
Linear Gain
60 dB ± 1 dB*
Gain Flatness over
Full Band
± .5 dB
Input VSWR
-14 dB
Output VSWR
-18 dB
DC Input Voltage
+ 28 Volts
DC Current Operating
20 Amperes @ +53dBm
(max.)
Mechanical Dimensions
Without Heatsink
9.5 x 5.0 x 0.9 inches
RF Connectors
SMA Female / N Female
Operating Temperature
-30o C to +85o C
Operating Humidity
95% Non-condensing
Operating Altitude
Up to 10,000 feet above
Sea Level
The SM2325-53LD2 is a 2300-2500
MHz LDMOS amplifier designed for
wireless
communications
and
RF
heating applications in medical devices.
Features
• Mis-Match Protected
• Single Power Supply
• Temperature Compensation
• Forward Sample Port
• Reverse Sample Port
Options
• Forward/Reverse Power
Detection
• Logic On/Off Control
• Heatsink
Configurations
• Module
• 19” Rack


Numéro de pièce similaire - SM2325-53LD2

FabricantNo de pièceFiches techniqueDescription
logo
Stealth Microwave, Inc.
SM2325-53LD STEALTH_MICROWAVE-SM2325-53LD Datasheet
98Kb / 2P
   2300-2500 MHz 200 Watt Peak Power Amplifier
More results

Description similaire - SM2325-53LD2

FabricantNo de pièceFiches techniqueDescription
logo
Stealth Microwave, Inc.
SM2325-53LD STEALTH_MICROWAVE-SM2325-53LD Datasheet
98Kb / 2P
   2300-2500 MHz 200 Watt Peak Power Amplifier
SM2325-41 STEALTH_MICROWAVE-SM2325-41 Datasheet
115Kb / 2P
   2300-2500 MHz 12 Watt Linear Power Amplifier
SM2325-34HS STEALTH_MICROWAVE-SM2325-34HS Datasheet
93Kb / 2P
   2300-2500 MHz 3 Watt Linear Power Amplifier
SM2325-41L STEALTH_MICROWAVE-SM2325-41L Datasheet
84Kb / 2P
   2300-2500 MHz 12 Watt Linear Power Amplifier
SM2325-44 STEALTH_MICROWAVE-SM2325-44 Datasheet
172Kb / 3P
   2300-2500 MHz 25 Watt Linear Power Amplifier
SM2325-47 STEALTH_MICROWAVE-SM2325-47 Datasheet
95Kb / 2P
   2300-2500 MHz 50 Watt Linear Power Amplifier
SM2325-50L STEALTH_MICROWAVE-SM2325-50L Datasheet
121Kb / 2P
   2300-2500 MHz 100 Watt Linear Power Amplifier
SM2325-37HS STEALTH_MICROWAVE-SM2325-37HS Datasheet
97Kb / 2P
   2300-2500 MHz 5 Watt Linear Power Amplifier
SM2325-44L STEALTH_MICROWAVE-SM2325-44L Datasheet
81Kb / 2P
   2300-2500 MHz 25 Watt Linear Power Amplifier
SM2325-47L STEALTH_MICROWAVE-SM2325-47L Datasheet
127Kb / 2P
   2300-2500 MHz 50 Watt Linear Power Amplifier
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com