Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM002010-44LD Fiches technique(PDF) 3 Page - Stealth Microwave, Inc.

No de pièce SM002010-44LD
Description  20-1000MHz 25 Watt Power Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Site Internet  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM002010-44LD Fiches technique(HTML) 3 Page - Stealth Microwave, Inc.

  SM002010-44LD Datasheet HTML 1Page - Stealth Microwave, Inc. SM002010-44LD Datasheet HTML 2Page - Stealth Microwave, Inc. SM002010-44LD Datasheet HTML 3Page - Stealth Microwave, Inc. SM002010-44LD Datasheet HTML 4Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM002010-44LD
20-1000MHz
25 Watt Power Amplifier
FOR UHF APPLICATIONS
PERFORMANCE PLOTS
Plot 1-Small signal gain and P1dB
Top Curve: Small Signal gain @ Pin = -20dBm
Middle Curve: Power Gain, Pin = -4.0dBm
Reference: 45dB, 1dB/Div.
Bottom Curve: Input VSWR
Reference: 0dB, 10dB/Div.


Numéro de pièce similaire - SM002010-44LD

FabricantNo de pièceFiches techniqueDescription
logo
Stealth Microwave, Inc.
SM002052-50LD STEALTH_MICROWAVE-SM002052-50LD Datasheet
393Kb / 4P
   20-520MHz 100 Watt Power Amplifier
More results

Description similaire - SM002010-44LD

FabricantNo de pièceFiches techniqueDescription
logo
Stealth Microwave, Inc.
SM08010-44L STEALTH_MICROWAVE-SM08010-44L Datasheet
119Kb / 2P
   800-1000MHz 25 Watt Linear Power Amplifier
SM08010-47L STEALTH_MICROWAVE-SM08010-47L Datasheet
212Kb / 2P
   800-1000MHz 50 Watt Linear Power Amplifier
logo
Analog Devices
HMC1086 AD-HMC1086 Datasheet
634Kb / 9P
   25 WATT GaN MMIC POWER AMPLIFIER
logo
API Technologies Corp
QBS-560 APITECH-QBS-560 Datasheet
218Kb / 2P
   Broadband 25 Watt GaN Power Amplifier
logo
STMicroelectronics
TDA2040H STMICROELECTRONICS-TDA2040H Datasheet
1Mb / 16P
   25-watt hi-fi audio power amplifier
July 2012 Rev 6
TDA2040 STMICROELECTRONICS-TDA2040_12 Datasheet
1Mb / 16P
   25-watt hi-fi audio power amplifier
logo
Stealth Microwave, Inc.
SM1923-44L STEALTH_MICROWAVE-SM1923-44L Datasheet
174Kb / 3P
   1900-2300MHz 25 Watt Linear Power Amplifier
logo
TriQuint Semiconductor
TGA2579-FL TRIQUINT-TGA2579-FL_15 Datasheet
480Kb / 12P
   25 Watt Ku-Band GaN Power Amplifier
logo
Stealth Microwave, Inc.
SM2122-44L STEALTH_MICROWAVE-SM2122-44L Datasheet
174Kb / 3P
   2100-2200MHz 25 Watt Linear Power Amplifier
logo
National Semiconductor ...
LM2005 NSC-LM2005 Datasheet
205Kb / 8P
   LM2005 20 Watt Automotive Power Amplifier
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com