Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST2SD734 Fiches technique(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

No de pièce ST2SD734
Description  NPN Silicon Epitaxial Planar Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Site Internet  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ST2SD734 Fiches technique(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  ST2SD734 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ST2SD734 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dated : 07/12/2002
R
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
ST 2SD734
Characteristics at Tamb=25
OC
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain
at VCE=2V, IC=50mA
Current Gain Group
at VCE=2V, IC=500mA
D
E
F
G
hFE
hFE
hFE
hFE
hFE
60
100
160
280
50
-
-
-
-
-
120
200
320
560
-
-
-
-
-
-
Collector Cutoff Current
at VCB=20V
ICBO
-
-
1
µA
Emitter Cutoff Current
at VEB=4V
IEBO
-
-
1
µA
Gain Bandwidth Product
at VCE=10V, IC=50mA
fT
-
250
-
MHz
Output Capacitance
at VCB=10V,f=1MHz
Cob
-
8
-
pF


Numéro de pièce similaire - ST2SD734

FabricantNo de pièceFiches techniqueDescription
logo
SEMTECH ELECTRONICS LTD...
ST2SD1303 SEMTECH_ELEC-ST2SD1303 Datasheet
241Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
ST2SD1616 SEMTECH_ELEC-ST2SD1616 Datasheet
157Kb / 2P
   NPN Silicon Transistor
ST2SD1616A SEMTECH_ELEC-ST2SD1616A Datasheet
157Kb / 2P
   NPN Silicon Transistor
ST2SD1691T SEMTECH_ELEC-ST2SD1691T Datasheet
145Kb / 1P
   NPN Silicon Epitaxial Power Transistor
ST2SD1817R SEMTECH_ELEC-ST2SD1817R Datasheet
233Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
More results

Description similaire - ST2SD734

FabricantNo de pièceFiches techniqueDescription
logo
Seme LAB
BFY84 SEME-LAB-BFY84 Datasheet
19Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
AUK corp
SUR541EF AUK-SUR541EF Datasheet
176Kb / 4P
   NPN Epitaxial Planar Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226_11 Datasheet
258Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR526H KODENSHI-SUR526H Datasheet
275Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR539J KODENSHI-SUR539J Datasheet
279Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR543EF KODENSHI-SUR543EF Datasheet
276Kb / 5P
   Epitaxial planar NPN silicon transistor
logo
Sanken electric
2SC2921 SANKEN-2SC2921_07 Datasheet
33Kb / 1P
   Silicon NPN Epitaxial Planar Transistor
logo
Seme LAB
2N4239 SEME-LAB-2N4239 Datasheet
122Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
2N3114CSM SEME-LAB-2N3114CSM_09 Datasheet
163Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
Micro Electronics
BC485 MICRO-ELECTRONICS-BC485 Datasheet
57Kb / 1P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
2N4123 MICRO-ELECTRONICS-2N4123 Datasheet
85Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com