Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SM1516-50LD Datasheet(Fiches technique) 2 Page - Stealth Microwave, Inc.

Numéro de pièce SM1516-50LD
Description  1500-1600 MHz 100 Watt Power Amplifier
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Site Internet  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM1516-50LD Datasheet(HTML) 2 Page - Stealth Microwave, Inc.

  SM1516-50LD Datenblatt HTML 1Page - Stealth Microwave, Inc. SM1516-50LD Datasheet HTML 2Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM1516-50LD
1500-1600 MHz
100 Watt Power Amplifier
J2
RF IN
+
12
-
34
J1
RF O U T
DIMENSIONS IN INCHES
DC Connector:
4 Pin Lock Header (J2)
Function
Pins 1,2
Purple
Supply Voltage (+28V)
Pins 3,4
Black
GND (-)
Alarm/Control Connector:
10 Pin Box Header (J1)
Function
Pin 1
Orange/White
Alarm Summary
Pin 2
Black
GND
Pin 3
Gray
Forward Power Detection (5V @ P1dB)
Pin 4
Yellow/White
Vendor ID
Pin 5
Green
Logic On/Off (0V = Off, 5V = On)
Pin 6
Blue
Temperature Monitor (5V @ 80 degC)
Pin 7
White
Reflected Power Detection (5V @ P1dB
output into an open load)
Pin 8
Brown/White
N/C
Pin 9
Brown
N/C
Pin 10
Black
GND


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn