Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SM0825-40 Fiches technique(PDF) 3 Page - Stealth Microwave, Inc.

No de pièce SM0825-40
Description  800-2500 MHz 10 Watt Linear Power Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Site Internet  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM0825-40 Fiches technique(HTML) 3 Page - Stealth Microwave, Inc.

  SM0825-40 Datasheet HTML 1Page - Stealth Microwave, Inc. SM0825-40 Datasheet HTML 2Page - Stealth Microwave, Inc. SM0825-40 Datasheet HTML 3Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM0825-40
800-2500 MHz
10 Watt Linear Power Amplifier
FOR LAB & WIDEBAND APPLICATIONS
Pin
Description
Values
RF Input
Input Connector (SMA Female)
+1 dBm, typical
RF OUT
Output Connector (SMA Female)
+40 dBm @ P1dB
GND
Ground Turret
---
+12VDC
DC Input Voltage
+ 12 Volts @ 5.5 Amperes
FWD
Forward Power Detector
+ 5 Volts @ +40 dBm
Specifications subject to change without notice.


Html Pages

1  2  3 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
SM0825-33 800-2500 MHz 2 Watt Linear Power Amplifier 1  2  3  4  Stealth Microwave, Inc.
SM0825-36 800-2500 MHz 4 Watt Linear Power Amplifier 1  2  3  Stealth Microwave, Inc.
SM0520-36 500-2000 MHz 4 Watt Linear Power Amplifier 1  2  3  Stealth Microwave, Inc.
SM08010-37HS 800-1000 MHz 5 Watt Linear Power Amplifier 1  2  3  Stealth Microwave, Inc.
SM0822-39 800-2200 MHz 8 Watt Linear Power Amplifier 1  2  3  Stealth Microwave, Inc.
SPA-2118 850 MHz 1 Watt Power Amplifier with Active Bias 1  2  3  4  5  More SIRENZA MICRODEVICES
SKY65105 1700 - 2200 MHz Linear Power Amplifier 1  2  3  4  5  More Skyworks Solutions Inc.
SPA-1218 1960 MHz 1 Watt Power Amplifier with Active Bias 1  2  3  4  5  SIRENZA MICRODEVICES
CHV2707-QJ 700 to 800 MHz InGaP HBT 5W Linear Power Amplifier 1  2  3  4  5  More Mimix Broadband

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn