Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM08010-37HS Fiches technique(PDF) 1 Page - Stealth Microwave, Inc.

No de pièce SM08010-37HS
Description  800-1000 MHz 5 Watt Linear Power Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
Site Internet  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM08010-37HS Fiches technique(HTML) 1 Page - Stealth Microwave, Inc.

  SM08010-37HS Datasheet HTML 1Page - Stealth Microwave, Inc. SM08010-37HS Datasheet HTML 2Page - Stealth Microwave, Inc. SM08010-37HS Datasheet HTML 3Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM08010-37HS
800-1000 MHz
5 Watt Linear Power Amplifier
FOR GSM APPLICATIONS
Parameter
Specification
Frequency Range
800 - 1000 MHz
Pout (P1dB)
+ 37 dBm
Third Order Intercept
Point
+ 50 dBm (typ.)
Linear Gain
37 dB ± 1.0 dB
Gain Flatness over
Full Band
± .5 dB
Input/Output Return Loss
-16 dB / -16 dB
DC Input Voltage
+12 Volts (+10 V available)
DC Input Current
1.9 Amperes (typ.),
2.1 Amperes (max.)
Mechanical Dimensions
4.7x2.0x.54 inches
RF Connectors
SMA Female
Operating Temperature
0ºC to +55ºC
Operating Humidity
95% Non-condensing
Operating Altitude
Up to 10,000 feet above
Sea Level
The SM08010-37HS is a solid state GaAs
amplifier designed primarily for the GSM
(Global Standard for Mobile) market. This
amplifier operates from 800-1000 MHz,
provides 37 dB of gain, ± 0.5 dB gain
flatness over the full band, and +37 dBm of
output power at the 1 dB compression point.
This highly linear design provides an output
third order intercept point of + 50 dBm.
The amplifier operates off a single supply of
+12V (+10V available as an option) and 1.9
A typical. The unit uses the latest surface
mount technologies to provide numerous
features, while maintaining a very small
size.
Features
• Mis-Match Protected
• Single Power Supply
• Over Voltage Protection
• Thermal Protection with Auto Reset
Options
• Logic On/Off Control
• Integral Heatsink
• Single DC Supply of +10 V
Configurations
• Module
• 19” Rack


Numéro de pièce similaire - SM08010-37HS

FabricantNo de pièceFiches techniqueDescription
logo
Stealth Microwave, Inc.
SM08010-34HS STEALTH_MICROWAVE-SM08010-34HS Datasheet
90Kb / 3P
   800-1000 MHz 3 Watt Linear Power Amplifier
More results

Description similaire - SM08010-37HS

FabricantNo de pièceFiches techniqueDescription
logo
Stealth Microwave, Inc.
SM08010-34HS STEALTH_MICROWAVE-SM08010-34HS Datasheet
90Kb / 3P
   800-1000 MHz 3 Watt Linear Power Amplifier
SM08010-42 STEALTH_MICROWAVE-SM08010-42 Datasheet
129Kb / 3P
   800-1000 MHz 12 Watt Linear Power Amplifier
SM08010-42L STEALTH_MICROWAVE-SM08010-42L Datasheet
216Kb / 3P
   800-1000 MHz 12 Watt Linear Power Amplifier
SM08096-37 STEALTH_MICROWAVE-SM08096-37 Datasheet
93Kb / 2P
   800-960 MHz 5 Watt Linear Power Amplifier
SM1025-37MQ2 STEALTH_MICROWAVE-SM1025-37MQ2 Datasheet
96Kb / 4P
   1000-2500 MHz 5 Watt Linear Power Amplifier
SM08010-51LD STEALTH_MICROWAVE-SM08010-51LD Datasheet
150Kb / 3P
   800 - 1000 MHz 120 Watt Power Amplifier
SM0825-40Q STEALTH_MICROWAVE-SM0825-40Q Datasheet
142Kb / 3P
   800-2500 MHz 10 Watt Linear Power Amplifier
SM0825-33 STEALTH_MICROWAVE-SM0825-33 Datasheet
424Kb / 4P
   800-2500 MHz 2 Watt Linear Power Amplifier
SM0825-40 STEALTH_MICROWAVE-SM0825-40 Datasheet
129Kb / 3P
   800-2500 MHz 10 Watt Linear Power Amplifier
SM04080-36HS STEALTH_MICROWAVE-SM04080-36HS Datasheet
94Kb / 3P
   400-800 MHz 4 Watt Linear Power Amplifier
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com