Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LM4004 Datasheet(Fiches technique) 1 Page - SEMTECH ELECTRONICS LTD.

Numéro de pièce LM4004
Description  SURFACE MOUNT SILICON RECTIFIERS
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Site Internet  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

LM4004 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  LM4004 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. LM4004 Datenblatt HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 12/12/2008
N
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
LM4001 THRU LM4007
SURFACE MOUNT SILICON RECTIFIERS
Reverse Voltage - 50 to 1000 V
Forward Current - 1 A
Features
• The plastic package carries Underwrites Laboratory
Flammability classification 94V-0
• For surface mounted application
Mechanical Data
• Case: MiniMELF(DO-213AA), molded plastic body
• Terminals: Lead solderable per MIL-STD-750,
method 2026
• Polarity: Color band denotes cathode end
• Mounting Position: Any
Maximum Ratings and Electrical characteristics
Ratings at 25 OC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Parameter
Symbols LM4001 LM4002 LM4003 LM4004 LM4005 LM4006 LM4007 Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current at TA = 75
OC
I(AV)
1
A
Peak Forward Surge Current 8.3 ms Single Half Sine Wave
Superimposed on Rated Load (JEDEC Method)
IFSM
25
A
Maximum Forward Voltage at 1 A
VF
1.1
V
Maximum Reverse Current
at Rated DC Blocking Voltage
TA = 25
OC
TA = 125
OC
IR
5
50
µA
Typical Junction Capacitance
1)
CJ
15
pF
Typical Thermal Resistance
2)
RθJA
75
OC/W
Typical Thermal Resistance
3)
RθJL
30
OC/W
Operating and Storage Temperature Range
Tj,Tstg
- 65 to + 175
OC
1) Measured at 1 MHz and applied reverse voltage of 4 V D.C
2) Thermal resistance from junction to ambient, 0.24 X 0.24" (6 X 6 mm) copper pads to each terminal
3) Thermal resistance from junction to terminal, 0.24 X 0.24" (6 X 6 mm) copper pads to each terminal
MiniMELF (DO-213AA) Plastic Package


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
SM4001A1.0 AMP Surface Mount Silicon Rectifiers 1 2 SeCoS Halbleitertechnologie GmbH
RGL1ASURFACE MOUNT FAST SILICON RECTIFIERS 1 SEMTECH ELECTRONICS LTD.
ACSA04-41SURKWA-F01SURFACE MOUNT DISPLAY 1 2 3 4 5 Kingbright Corporation
LL4001G1.0 AMP Surface Mount Glass Passivated Silicon Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
M1ASURFACE MOUNT PLASTIC SILICON RECTIFIERS 1 2 HY ELECTRONIC CORP.
GL34A0.5 AMP SURFACE MOUNT SILICON RECTIFIERS 1 2 UNIOHM CORPORATION
SM40011.0 AMP SURFACE MOUNT SILICON RECTIFIERS 1 2 UNIOHM CORPORATION
LL4001G_11.0AMP Surface Mount Glass Plassivated Silicon Rectifiers 1 2 Taiwan Semiconductor Company, Ltd
SM4001A1.0 AMP SURFACE MOUNT SILICON RECTIFIERS 1 2 UNIOHM CORPORATION
LL4933G_11.0AMP Surface Mount Glass Passivated Silicon Rectifiers 1 2 Taiwan Semiconductor Company, Ltd

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn