Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMBJ120A Fiches technique(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

No de pièce SMBJ120A
Description  TRANSIENT VOLTAGE SUPPRESSORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Site Internet  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

SMBJ120A Fiches technique(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  SMBJ120A Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. SMBJ120A Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. SMBJ120A Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dated : 11/11/2008 FD
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
SMBJ Series
TRANSIENT VOLTAGE SUPPRESSORS
Features
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
• 600 W peak pulse power capability
• Excellent clamping capability
Mechanical Data
• Case: DO-214AA (SMB) molded plastic
• Terminals: Solder plated
• Polarity: For unidirectional types the color band denotes
the cathode (except for bidirectional types)
• Mounting Position: Any
Description
• Devices for bidirectional applications
• For bidirectional use C or CA suffix for types SMBJ5.0 thru types SMBJ170A (e.g. SMBJ5.0C, SMBJ170CA)
• Electrical characteristics apply in both directions
Absolute Maximum Ratings (Ta = 25 OC unless otherwise specified)
Parameter
Symbol
Value
Unit
Peak Pulse Power Dissipation
1)
PPPM
Min. 600
W
Peak Pulse Current
1)
IPPM
See Next Table
A
Steady State Power Dissipation
2)
PPK
2
W
Peak Forward Surge Current, Unidirectional only
3)
IFSM
100
A
Maximum Instantaneous Forward Voltage
at 50 A, Unidirectional only
4)
VF
3.5 / 5
V
Operating Junction and Storage Temperature Range
TJ, TStg
- 55 to + 150
O
C
1) Pulse with a 10 / 1000 µs waveform.
2) Mounted on a 5 X 5 X 0.013 mm Copper pads to each terminal.
3) Measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute
maximum. For uni-directional devices only.
4) V
F: 3.5 V Max. for types SMBJ5.0~SMBJ90, VF: 5 V Max. for types SMBJ100~SMBJ170


Numéro de pièce similaire - SMBJ120A

FabricantNo de pièceFiches techniqueDescription
logo
Micro Commercial Compon...
SMBJ120A MCC-SMBJ120A Datasheet
202Kb / 9P
   Transient Voltage Suppressor 5.0 to 440 Volts 600 Watt
logo
Galaxy Semi-Conductor H...
SMBJ120A BILIN-SMBJ120A Datasheet
837Kb / 7P
   Transient Voltage Suppressor
logo
Jinan Gude Electronic D...
SMBJ120A JGD-SMBJ120A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Digitron Semiconductors
SMBJ120A DIGITRON-SMBJ120A Datasheet
188Kb / 4P
   SURFACE MOUNT 600W TVS
logo
Formosa MS
SMBJ120A FORMOSA-SMBJ120A Datasheet
855Kb / 10P
   SMD Transient Voltage Suppressor
More results

Description similaire - SMBJ120A

FabricantNo de pièceFiches techniqueDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com