Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX79C56 Fiches technique(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

No de pièce BZX79C56
Description  SILICON PLANAR ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Site Internet  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BZX79C56 Fiches technique(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  BZX79C56 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BZX79C56 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. BZX79C56 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Dated : 25/02/2006
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
BZX79C
Characteristics at Ta = 25 OC
Zener Voltage
1), 3)
Maximum Zener Impedance
2)
Maximum Leakage Current
Type
Min.
Max.
lZT (mA)
ZZT (Ω) at IZT
IR (µA)
at VR (V)
BZX79C2V4
2.2
2.6
5
100
100
1
BZX79C2V7
2.5
2.9
5
100
75
1
BZX79C3V0
2.8
3.2
5
95
50
1
BZX79C3V3
3.1
3.5
5
95
25
1
BZX79C3V6
3.4
3.8
5
90
15
1
BZX79C3V9
3.7
4.1
5
90
10
1
BZX79C4V3
4
4.6
5
90
5
1
BZX79C4V7
4.4
5
5
80
3
2
BZX79C5V1
4.8
5.4
5
60
2
2
BZX79C5V6
5.2
6
5
40
1
2
BZX79C6V2
5.8
6.6
5
10
3
4
BZX79C6V8
6.4
7.2
5
15
2
4
BZX79C7V5
7
7.9
5
15
1
5
BZX79C8V2
7.7
8.7
5
15
0.7
5
BZX79C9V1
8.5
9.6
5
15
0.5
6
BZX79C10
9.4
10.6
5
20
0.2
7
BZX79C11
10.4
11.6
5
20
0.1
8
BZX79C12
11.4
12.7
5
25
0.1
8
BZX79C13
12.4
14.1
5
30
0.1
8
BZX79C15
13.8
15.6
5
30
0.05
10.5
BZX79C16
15.3
17.1
5
40
0.05
11.2
BZX79C18
16.8
19.1
5
45
0.05
12.6
BZX79C20
18.8
21.2
5
55
0.05
14
BZX79C22
20.8
23.3
5
55
0.05
15.4
BZX79C24
22.8
25.6
5
70
0.05
16.8
BZX79C27
25.1
28.9
2
80
0.05
18.9
BZX79C30
28
32
2
80
0.05
21
BZX79C33
31
35
2
80
0.05
23.1
BZX79C36
34
38
2
90
0.05
25.2
BZX79C39
37
41
2
130
0.05
27.3
BZX79C43
40
46
2
150
0.05
30.1
BZX79C47
44
50
2
170
0.05
32.9
BZX79C51
48
54
2
180
0.05
35.7
BZX79C56
52
60
2
200
0.05
39.2
BZX79C62
58
66
2
215
0.05
43.4
BZX79C68
64
72
2
240
0.05
47.6
BZX79C75
70
79
2
255
0.05
52.5
BZX79C82
77
87
2
280
0.1
62
BZX79C91
85
96
2
300
0.1
69
BZX79C100
94
106
1
500
0.1
76
BZX79C110
104
116
1
650
0.1
84
BZX79C120
114
127
1
800
0.1
91
BZX79C130
124
141
1
950
0.1
99
BZX79C150
138
156
1
1250
0.1
114
BZX79C160
153
171
1
1400
0.1
122
BZX79C180
168
191
1
1700
0.1
137
BZX79C200
188
212
1
2000
0.1
152
1) Zener voltage is measured under pulse conditions such that T
J is no more than 2
O
C above Ta
2) Z
ZT is measured by dividing the ac voltage drop across the device by the ac current applied. The specified limits are for IZ
(ac) = 0.1IZ (dc) with the ac frequency = 1 KHz
3) Tested with pulses tp = 20 ms.


Numéro de pièce similaire - BZX79C56

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
BZX79C56 FAIRCHILD-BZX79C56 Datasheet
47Kb / 5P
   Zeners
logo
Micro Commercial Compon...
BZX79C56 MCC-BZX79C56 Datasheet
235Kb / 5P
   500mW Silicon Zener Diodes
logo
EIC discrete Semiconduc...
BZX79C56 EIC-BZX79C56 Datasheet
36Kb / 2P
   ZENER DIODES
logo
ON Semiconductor
BZX79C56 ONSEMI-BZX79C56 Datasheet
194Kb / 4P
   Zener Diodes
November-2017,Rev. 3
logo
First Components Intern...
BZX79C56 FCI-BZX79C56 Datasheet
96Kb / 2P
   1/2 Watt ZENER DIODES (2.4V to 75V)
More results

Description similaire - BZX79C56

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com