Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STZ8150 Fiches technique(PDF) 4 Page - SEMTECH ELECTRONICS LTD.

No de pièce STZ8150
Description  SILICON PLANAR ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Site Internet  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

STZ8150 Fiches technique(HTML) 4 Page - SEMTECH ELECTRONICS LTD.

  STZ8150 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. STZ8150 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. STZ8150 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. STZ8150 Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD. STZ8150 Datasheet HTML 5Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
Dated : 02/08/2006
STZ8000 Series
Zener Voltage Range
1)
Dynamic Impedance
Reverse Leakage
Current
Temp. coefficient
of Zener Voltage
lZT for
VZ
rZjT
rZjK at IZK
IR at VR
Type
Marking
Code
mA
V
(Max.) (Max.)
mA
μA(Max.)
V
SZ (mV/OC)
Typ. at IZT
STZ8240
4X1
22.8…25.6
STZ8240A
4Y1
22.8…23.97
STZ8240B
4Z1
23.5…24.7
STZ8240C
5A1
5
24.35…25.6
100
120
0.5
0.1
19
20.4
STZ8270
5B1
25.1…28.9
STZ8270A
5C1
25.3…26.7
STZ8270B
5D1
26.3…27.7
STZ8270C
5E1
2
27.3…28.7
120
120
0.5
0.1
21
23.4
STZ8300
5F1
28…32
STZ8300A
5G1
28.3…29.7
STZ8300B
5H1
29.3…30.8
STZ8300C
5J1
2
30.2…31.8
160
160
0.5
0.1
23
26.6
STZ8330
5K1
31…35
STZ8330A
5L1
31.2…32.8
STZ8330B
5M1
32.2…33.8
STZ8330C
5N1
2
33.2…34.9
200
200
0.5
0.1
25
29.7
STZ8360
5P1
34…38
STZ8360A
5Q1
34.1…35.9
STZ8360B
5R1
35.1…36.9
STZ8360C
5S1
2
36.1…37.9
250
250
0.5
0.1
27
33
STZ8390
5T1
37…41
STZ8390A
5U1
37.1…39
STZ8390B
5W1
38…40
STZ8390C
5X1
2
39…41
300
300
0.5
2
30
35.6
1) VZ is tested with pulses (20 ms).
Ambient Temperature: Ta ( C)
O
0
25
100
150
0
100
200
300
Derating Curve


Numéro de pièce similaire - STZ8150

FabricantNo de pièceFiches techniqueDescription
logo
Shenzhen Jin Yu Semicon...
STZ8150 HTSEMI-STZ8150 Datasheet
595Kb / 5P
   Silicon Planar Zener Diodes
STZ8150A HTSEMI-STZ8150A Datasheet
595Kb / 5P
   Silicon Planar Zener Diodes
STZ8150B HTSEMI-STZ8150B Datasheet
595Kb / 5P
   Silicon Planar Zener Diodes
STZ8150C HTSEMI-STZ8150C Datasheet
595Kb / 5P
   Silicon Planar Zener Diodes
More results

Description similaire - STZ8150

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com