Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST2SC3279 Fiches technique(PDF) 3 Page - SEMTECH ELECTRONICS LTD.

No de pièce ST2SC3279
Description  NPN Silicon Epitaxial Planar Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Site Internet  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ST2SC3279 Fiches technique(HTML) 3 Page - SEMTECH ELECTRONICS LTD.

  ST2SC3279 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ST2SC3279 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. ST2SC3279 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Dated : 07/12/2002
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
COLLECTOR-EMITTER VOLTAGE VCE (V)
10ms*
-100ms*
SAFE OPERATING AREA
VCEO
MAX.
COLLECTOR CURRENT IC (A)
COMMON EMITTER
VCE=1V
COMMON EMITTER
Ta=25 C
COLLECTOR-EMITTER VOLTAGE VCE (V)
1
DC OPERATION
(Ta=25 C)
CURVES MUST BE
DERATED LINEARLY WITH
INCREASE IN TEMPERATURE
* PULSE WIDTH
10 ms
**DUTY CYCLE
30%
* SINGLE NONREPETITIVE
PULSE
Ta=25 C
0.03
0.1
0.03
0.05
0.3
0.5
0.1
o
1
0.3
o
3
50
I C MAX.(PULSED)**
I C MAX.(CONTINUOUS)
10
3
5
0.05
30
0.1
0.3
1
100
300
500
Ta=100 C
25
- 25
o
h FE - IC
20
2
0
0
1
2
3
1
4
5
30
40
I B=5mA
3
10
4
I C - VCE
AMBIENT TEMPERATURE Ta ( C)
Ta=100 C
COLLECTOR CURRENT IC (A)
100
600
10
30
25
0
0
200
400
50
75
0.03
0.05
1ms*
3
1000
800
0.05
0.1
Pc - Ta
0.3
1
COMMON EMITTER
I C/I B=40
0.1
0.3
0.5
o
VCE(sat) - IC
150
125
o
3
- 25
25
- 25
6
57
o
0.4
COMMON EMITTER
VCE=1V
Ta=100 C
0
0
1
2
3
0.2
4
5
25
0.6
o
0.8
I C - VBE
1.2
1.0
1.4
BASE-EMITTER VOLTAGE VBE (V)
ST 2SC3279


Html Pages

1  2  3 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
2N6059_03 SILICON NPN POWER DARLINGTON TRANSISTOR 1  2  3  4  STMicroelectronics
MCH4021 NPN Epitaxial Planar Silicon Transistor High Frequency Low-Noise Amplifier 1  2  3  4  5  More Sanyo Semicon Device
15GN03SA NPN Epitaxial Planar Silicon Transistor VHF High-frequency Amplifier Applications 1  2  3  4  5  More Sanyo Semicon Device
2SC4852 NPN Epitaxial Planar Silicon Transistor 1  Guangdong Kexin Industrial Co.,Ltd
2SD2324 NPN Epitaxial Planar Silicon Transistor 1  Guangdong Kexin Industrial Co.,Ltd
2SC4984 NPN Epitaxial Planar Silicon Transistor 1  2  Guangdong Kexin Industrial Co.,Ltd
2SD1624 NPN Epitaxial Planar Silicon Transistor 1  2  Guangdong Kexin Industrial Co.,Ltd
MMBTSD471 NPN Silicon Epitaxial Planar Transistor 1  2  SEMTECH ELECTRONICS LTD.
MMBTA13 NPN Silicon Epitaxial Planar Darlington Transistor 1  2  SEMTECH ELECTRONICS LTD.
MMBT28S NPN Silicon Epitaxial Planar Transistor 1  2  SEMTECH ELECTRONICS LTD.

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn