Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB16RGG01-H Fiches technique(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

No de pièce LB16RGG01-H
Description  Standard Size Pushbuttons
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Site Internet  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

LB16RGG01-H Fiches technique(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  LB16RGG01-H Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. LB16RGG01-H Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. LB16RGG01-H Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. LB16RGG01-H Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. LB16RGG01-H Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. LB16RGG01-H Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. LB16RGG01-H Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. LB16RGG01-H Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. LB16RGG01-H Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Standard Size Snap-in Pushbuttons
Series LB
HOUSING
K
Black
G
Gray
SHAPES
S
Square
C
Round
R
Rectangular
POLES
1
SPDT
2
DPDT
1
S
K
W01
LB
SPDT
ON-(ON) Circuit
Silver Contacts
Rated 3A @ 125/250V AC;
Solder Lug/Quick Connect Terminals
CIRCUITS
5
ON
(ON)
( ) = Momentary
6
ON
ON
Alternate Action
with Latchdown
CONTACTS & TERMINALS
W01
Silver Contacts
Rated 3A @ 125/250V AC
Solder Lug/Quick Connect Terminals
G01
Gold Contacts
Rated 0.4VA @ 28V AC/DC
Solder Lug/Quick Connect Terminals
5
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
LB15SKW01-C
TYPICAL SWITCH ORDERING EXAMPLE
C
Red Cap
Square Shape
Black Housing
CAP COLORS
A Black
E Yellow G Blue
B White F Green H Gray
C Red
Note: Insert Cap with clear lens and
colored filter available; see
Illuminated Pushbuttons section
IMPORTANT:
Switches are supplied without UL,
C-UL & CSA markings unless speci-
fied. Specific models & ratings noted
on General Specifications page.


Numéro de pièce similaire - LB16RGG01-H

FabricantNo de pièceFiches techniqueDescription
logo
Nihon Kaiheiki Industry...
LB16RGG01-05-BJ NKK-LB16RGG01-05-BJ Datasheet
386Kb / 10P
   Standard Size Pushbuttons
LB16RGG01-05BJ NKK-LB16RGG01-05BJ Datasheet
697Kb / 20P
   General Specifications
LB16RGG01-05CJ NKK-LB16RGG01-05CJ Datasheet
697Kb / 20P
   General Specifications
LB16RGG01-05EJ NKK-LB16RGG01-05EJ Datasheet
697Kb / 20P
   General Specifications
LB16RGG01-05FJ NKK-LB16RGG01-05FJ Datasheet
697Kb / 20P
   General Specifications
More results

Description similaire - LB16RGG01-H

FabricantNo de pièceFiches techniqueDescription
logo
Nihon Kaiheiki Industry...
LB15SKW01-05-BJ NKK-LB15SKW01-05-BJ Datasheet
386Kb / 10P
   Standard Size Pushbuttons
logo
List of Unclassifed Man...
LB15SKW01-5C12-JC ETC2-LB15SKW01-5C12-JC Datasheet
933Kb / 12P
   Standard Size Pushbuttons
logo
Nihon Kaiheiki Industry...
LB15SKW01 NKK-LB15SKW01 Datasheet
2Mb / 20P
   Standard Size Pushbuttons
logo
List of Unclassifed Man...
LB16WKW01-5C12-JC ETC2-LB16WKW01-5C12-JC Datasheet
608Kb / 9P
   Standard Size Pushbuttons
logo
Nihon Kaiheiki Industry...
LB15WKW01-BJ NKK-LB15WKW01-BJ Datasheet
237Kb / 6P
   Standard Size Panel Seal Pushbuttons
logo
GREATECS
LB15SKW01-12-CJ GREATECS-LB15SKW01-12-CJ Datasheet
460Kb / 10P
   Standard Size Snap-in Pushbuttons
logo
List of Unclassifed Man...
ABD-100 ETC2-ABD-100 Datasheet
2Mb / 30P
   TWTD Series Full Size NEMA Pushbuttons
logo
IDEC Corporation
ABD311NUR IDEC-ABD311NUR Datasheet
2Mb / 30P
   New TWND Series — Full Size NEMA Pushbuttons
logo
C&K Components
1.15108.4510000 CK-COMPONENTS-1.15108.4510000 Datasheet
1Mb / 83P
   Pushbuttons
logo
List of Unclassifed Man...
HB15SKW01-6G-JB ETC2-HB15SKW01-6G-JB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com