Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MMDT5210W Fiches technique(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

No de pièce MMDT5210W
Description  NPN Silicon Epitaxial Planar Digital Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Site Internet  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

MMDT5210W Fiches technique(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  MMDT5210W Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. MMDT5210W Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. MMDT5210W Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Dated : 06/06/2007
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
MMDT5210W…MMDT521ZW
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain
at VCE = 10 V, IC = 5 mA
MMDT5218/521K/521L/521VW
MMDT5219/521D/521FW
MMDT5211W
MMDT5212/521EW
MMDT521ZW
MMDT5213/5214/521MW
MMDT521N/521TW
MMDT5210/5215/5216/5217W
1)
hFE
20
30
35
60
60
80
80
160
-
-
-
-
-
-
-
-
-
-
-
-
200
-
400
460
-
-
-
-
-
-
-
-
Collector Base Cutoff Current
at VCB = 50 V
ICBO
-
-
100
nA
Emitter Base Cutoff Current
at VEB = 6 V
MMDT5210/5215/5216/5217W
MMDT5213W
MMDT5212/5214/521D/521E/521M/521N/521TW
MMDT521ZW
MMDT5211W
MMDT521F/521KW
MMDT5219W
MMDT5218/521L/521VW
IEBO
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
0.01
0.1
0.2
0.4
0.5
1
1.5
2
mA
Collector Base Breakdown Voltage
at IC = 10 µA
V(BR)CBO
50
-
-
V
Collector Emitter Breakdown Voltage
at IC = 2 mA
V(BR)CEO
50
-
-
V
Collector Emitter Saturation Voltage
at IC = 10 mA, IB = 0.5 mA
VCEsat
-
-
0.3
V
Transition Frequency
at VCB = 10 V, -IE = 5 mA, f = 100 MHz
fT
-
250
-
MHz
Input Voltage (ON)
at VO = 0.3 V, IO = 20 mA
at VO = 0.3 V, IO = 20 mA
at VO = 0.3 V, IO = 2 mA
at VO = 0.3 V, IO = 2 mA
at VO = 0.3 V, IO = 2 mA
at VO = 0.3 V, IO = 10 mA
at VO = 0.2 V, IO = 5 mA
at VO = 0.3 V, IO = 2 mA
at VO = 0.3 V, IO = 5 mA
at VO = 0.2 V, IO = 5 mA
at VO = 0.3 V, IO = 5 mA
at VO = 0.3 V, IO = 1 mA
MMDT521V/521L/5219/5218W
MMDT521FW
MMDT521TW
MMDT521DW
MMDT521EW
MMDT5211W
MMDT5212W
MMDT5213/521KW
MMDT521MW
MMDT521ZW
MMDT521NW
MMDT5214W
-VI(ON)
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
3
2.5
2.5
5
4
3
3
3
1.1
1.7
1.3
1.4
V
1) h
FE Rank Classification: Q: 160~260, R: 210~340, S: 290~460, No-rank: 160~460


Html Pages

1  2  3 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn