Moteur de recherche de fiches techniques de composants électroniques |
|
SN74HCT373PW Fiches technique(PDF) 1 Page - Texas Instruments |
|
|
SN74HCT373PW Fiches technique(HTML) 1 Page - Texas Instruments |
1 / 15 page SN54HCT373, SN74HCT373 OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS SCLS009D – MARCH 1984 – REVISED AUGUST 2003 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Operating Voltage Range of 4.5 V to 5.5 V D High-Current 3-State True Outputs Can Drive Up To 15 LSTTL Loads D Low Power Consumption, 80-µA Max ICC D Typical tpd = 21 ns D ±6-mA Output Drive at 5 V D Low Input Current of 1 µA Max D Inputs Are TTL-Voltage Compatible D Eight High-Current Latches in a Single Package D Full Parallel Access for Loading description/ordering information These 8-bit latches feature 3-state outputs designed specifically for driving highly capacitive or relatively low-impedance loads. They are particularly suitable for implementing buffer registers, I/O ports, bidirectional bus drivers, and working registers. The eight latches of the ’HCT373 devices are transparent D-type latches. While the latch-enable (LE) input is high, the Q outputs follow the data (D) inputs. When LE is taken low, the Q outputs are latched at the levels that were set up at the D inputs. ORDERING INFORMATION TA PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING –40 C to 85 C PDIP – N Tube of 20 SN74HCT373N SN74HCT373N –40 C to 85 C SOIC – DW Tube of 25 SN74HCT373DW HCT373 –40 C to 85 C SOIC – DW Reel of 2000 SN74HCT373DWR HCT373 –40 °C to 85°C SOP – NS Reel of 2000 SN74HCT373NSR HCT373 –40 °C to 85°C SSOP – DB Reel of 2000 SN74HCT373DBR HT373 TSSOP – PW Tube of 70 SN74HCT373PW HT373 TSSOP – PW Reel of 2000 SN74HCT373PWR HT373 Reel of 250 SN74HCT373PWT –55 C to 125 C CDIP – J Tube of 20 SNJ54HCT373J SNJ54HCT373J –55 °C to 125°C CFP – W Tube of 85 SNJ54HCT373W SNJ54HCT373W LCCC – FK Tube of 55 SNJ54HCT373FK SNJ54HCT373FK † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. 32 1 20 19 910 11 1213 4 5 6 7 8 18 17 16 15 14 8D 7D 7Q 6Q 6D 2D 2Q 3Q 3D 4D SN54HCT373 . . .FK PACKAGE (TOP VIEW) SN54HCT373 . . .J OR W PACKAGE SN74HCT373 . . .DB, DW, N, NS, OR PW PACKAGE (TOP VIEW) 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 OE 1Q 1D 2D 2Q 3Q 3D 4D 4Q GND VCC 8Q 8D 7D 7Q 6Q 6D 5D 5Q LE Copyright 2003, Texas Instruments Incorporated Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. On products compliant to MIL-PRF-38535, all parameters are tested unless otherwise noted. On all other products, production processing does not necessarily include testing of all parameters. |
Numéro de pièce similaire - SN74HCT373PW |
|
Description similaire - SN74HCT373PW |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |