Moteur de recherche de fiches techniques de composants électroniques |
|
SN74HCT08PWE4 Fiches technique(PDF) 10 Page - Texas Instruments |
|
|
SN74HCT08PWE4 Fiches technique(HTML) 10 Page - Texas Instruments |
10 / 12 page MECHANICAL DATA MSSO002E – JANUARY 1995 – REVISED DECEMBER 2001 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 DB (R-PDSO-G**) PLASTIC SMALL-OUTLINE 4040065 /E 12/01 28 PINS SHOWN Gage Plane 8,20 7,40 0,55 0,95 0,25 38 12,90 12,30 28 10,50 24 8,50 Seating Plane 9,90 7,90 30 10,50 9,90 0,38 5,60 5,00 15 0,22 14 A 28 1 20 16 6,50 6,50 14 0,05 MIN 5,90 5,90 DIM A MAX A MIN PINS ** 2,00 MAX 6,90 7,50 0,65 M 0,15 0 °–8° 0,10 0,09 0,25 NOTES: A. All linear dimensions are in millimeters. B. This drawing is subject to change without notice. C. Body dimensions do not include mold flash or protrusion not to exceed 0,15. D. Falls within JEDEC MO-150 |
Numéro de pièce similaire - SN74HCT08PWE4 |
|
Description similaire - SN74HCT08PWE4 |