Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LF121D Fiches technique(PDF) 1 Page - MicroPower Direct, LLC

No de pièce LF121D
Description  Ultra-Miniature, 1W Dual Output SMT DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MPD [MicroPower Direct, LLC]
Site Internet  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

LF121D Fiches technique(HTML) 1 Page - MicroPower Direct, LLC

  LF121D Datasheet HTML 1Page - MicroPower Direct, LLC LF121D Datasheet HTML 2Page - MicroPower Direct, LLC LF121D Datasheet HTML 3Page - MicroPower Direct, LLC LF121D Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Key Features:
1W Output Power
Ultra-Miniature SMT Case
1,000 VDC Isolation
5V, 12V & 24V Inputs
-40ºC to +85ºC Operation
12 Standard Models
2.0 MH MTBF Minimum
Industry Standard Pin-Out
LF100D
Ultra-Miniature, 1W
Dual Output SMT
DC/DC Converters
Series
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
5 VDC Input
4.5
5.0
5.5
VDC
12 VDC Input
10.8
12.0
13.2
24 VDC Input
21.6
24.0
26.4
Reverse Polarity Input Current
0.3
A
Input Filter
Capacitor
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
±1.0
±3.0
%
Output Voltage Accuracy
Dual Output, Balanced Load
±0.1
±1.0
%
Line Regulation
For Vin Change of 1%
±1.2
±1.5
%
Load Regulation (Note 1)
See Model Selection Guide
Ripple & Noise (20 MHz) (Note 2)
60
120
mV P - P
Ripple & Noise (20 MHz)
Over Line, Load & Temp.
150
mV P - P
Ripple & Noise (20 MHz)
5
mv rms
Output Power Protection
120
%
Temperature Coefficient
±0.01
±0.02
%/ºC
Output Short Circuit
Momentary (0.5 Sec.)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
1,000
VDC
Isolation Resistance
500 VDC
1,000
M
Ω
Isolation Capacitance
100 kHz, 1V
40
100
pF
Switching Frequency
50
100
140
kHz
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+85
ºC
Operating Temperature Range
Case
-40
+90
ºC
Storage Temperature Range
-40
+125
ºC
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
0.60 x 0.31 x 0.26 Inches (15.24 x 8.0 x 6.7 mm)
Case Material
Non-Conductive Black Plastic (UL94-V0)
Weight
0.05 Oz (1.5g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25ºC, Gnd Benign
2.0
MHours
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
5 VDC Input
-0.7
9.0
VDC
12 VDC Input
-0.7
18.0
24 VDC Input
-0.7
30.0
Lead Temperature
1.5 mm From Case For 10 Sec.
260
ºC
Internal Power Dissipation
All Models
450
mW
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
RoHS Compliant
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.


Numéro de pièce similaire - LF121D

FabricantNo de pièceFiches techniqueDescription
logo
MicroPower Direct, LLC
LF121DI MPD-LF121DI Datasheet
216Kb / 2P
   High Isolation, 1W Dual Output SMT DC/DC Converters
More results

Description similaire - LF121D

FabricantNo de pièceFiches techniqueDescription
logo
MicroPower Direct, LLC
LF100S MPD-LF100S Datasheet
477Kb / 4P
   Ultra-Miniature, 1W Single Output SMT DC/DC Converters
LF100ES MPD-LF100ES Datasheet
235Kb / 2P
   Lowest Cost, Single Output 1W Ultra-Miniature SMT DC/DC Converters
LF200D MPD-LF200D Datasheet
234Kb / 2P
   Ultra-Miniature, 2W Dual Output SMT DC/DC Converters
logo
Minmax Technology Co., ...
MSAU200 MINMAX-MSAU200 Datasheet
243Kb / 8P
   1W, Miniature SMD, Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
KDC_NKA MURATA-KDC_NKA Datasheet
145Kb / 4P
   Isolated Sub-Miniature 1W Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MSLU100 MINMAX-MSLU100 Datasheet
196Kb / 8P
   1W, Miniature SMD, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
D100 MPD-D100 Datasheet
200Kb / 2P
   Single & Dual Output Miniature, 1W SIP DC/DC Converters
logo
C&D Technologies
NKA CANDD-NKA Datasheet
104Kb / 2P
   Isolated Sub-Miniature 1W Dual Output DC-DC Converters
logo
MPS Industries, Inc.
ADC100 MPSIND-ADC100 Datasheet
172Kb / 2P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MAU100 MINMAX-MAU100 Datasheet
217Kb / 6P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com