Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MMBTSC3928 Fiches technique(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

No de pièce MMBTSC3928
Description  NPN Silicon Epitaxial Planar Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Site Internet  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

MMBTSC3928 Fiches technique(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  MMBTSC3928 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. MMBTSC3928 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 05/08/2006
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
MMBTSC3928
NPN Silicon Epitaxial Planar Transistor
for low frequency amplification applications
The transistor is subdivided into four groups Q, R,
S and T, according to its DC current gain.
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Collector Base Voltage
VCBO
50
V
Collector Emitter Voltage
VCEO
50
V
Emitter Base Voltage
VEBO
6
V
Collector Current
IC
200
mA
Power Dissipation
Ptot
200
mW
Junction Temperature
Tj
150
O
C
Storage Temperature Range
TS
- 55 to + 150
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Typ.
Max.
Unit
DC Current Gain
at VCE = 6 V, IC = 1 mA
Current Gain Group
at VCE = 6 V, IC = 0.1 mA
Q
R
S
T
hFE
hFE
hFE
hFE
hFE
120
180
270
390
70
-
-
-
-
-
270
390
560
820
-
-
-
-
-
-
Collector Base Breakdown Voltage
at IC = 100 µA
V(BR)CBO
50
-
-
V
Collector Emitter Breakdown Voltage
at IC = 100 µA
V(BR)CEO
50
-
-
V
Emitter Base Breakdown Voltage
at IC = 100 µA
V(BR)EBO
6
-
-
V
Collector Cutoff Current
at VCB = 50 V
ICBO
-
-
0.1
µA
Emitter Cutoff Current
at VEB = 4 V
IEBO
-
-
0.1
µA
Collector Emitter Saturation Voltage
at IC = 100 mA, IB = 10 mA
VCE(sat)
-
-
0.3
V
Gain Bandwidth Product
at VCE = 6 V, -IE = 10 mA
fT
-
200
-
MHz
Collector Output Capacitance
at VCB = 6 V, f = 1 MHz
Cob
-
4
-
pF
Noise Figure
at VCE = 6 V, -IE= 0.1 mA, f = 1 KHz, RG = 2 KΩ
NF
-
-
15
dB
SOT-23 Plastic Package


Html Pages

1  2 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
2N6059_03 SILICON NPN POWER DARLINGTON TRANSISTOR 1  2  3  4  STMicroelectronics
2SC5990 NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications 1  2  3  4  Sanyo Semicon Device
MCH3222 NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications 1  2  3  4  Sanyo Semicon Device
KTC3880S NPN Silicon Epitaxial Planar Transistor 1  2  3  Galaxy Semi-Conductor Holdings Limited
MCH4020 NPN Epitaxial Planar Silicon Transistor High Frequency Low-Noise Amplifi er 1  2  3  4  5  More Sanyo Semicon Device
15GN03MA NPN Epitaxial Planar Silicon Transistor VHF High-frequency Amplifier Applications 1  2  3  4  5  More Sanyo Semicon Device
2SC4413 NPN Epitaxial Planar Silicon Transistor 1  Guangdong Kexin Industrial Co.,Ltd
2SC4705 NPN Epitaxial Planar Silicon Transistor 1  2  Guangdong Kexin Industrial Co.,Ltd
2SD1623 NPN Epitaxial Planar Silicon Transistor 1  2  Guangdong Kexin Industrial Co.,Ltd
2SD1898 NPN Silicon Epitaxial Planar Transistor 1  2  SeCoS Halbleitertechnologie GmbH