Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MMBT5400 Fiches technique(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

No de pièce MMBT5400
Description  PNP Silicon Epitaxial Planar Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Site Internet  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

MMBT5400 Fiches technique(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  MMBT5400 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. MMBT5400 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dated : 20/10/2005
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
MMBT5400
Characteristics at Tamb=25 OC
Symbol
Min.
Max.
Unit
DC Current Gain
at -VCE=5V, -IC=10mA
hFE
40
180
-
Collector Base Breakdown Voltage
at -IC=0.1mA
-V(BR)CBO
130
-
V
Collector Emitter Breakdown Voltage
at -IC=1mA
-V(BR)CEO
120
-
V
Emitter Base Breakdown Voltage
at -IE=0.1mA
-V(BR)EBO
5
-
V
Collector Cutoff Current
at -VCB=100V
-ICBO
-
0.05
µA
Emitter Cutoff Current
at -VEB=3V
-IEBO
-
0.05
µA
Collector Emitter Saturation Voltage
at -IC=50mA, -IB=5mA
-VCE(sat)
-
0.5
V
Base Emitter Saturation Voltage
at -IC=50mA, -IB=5mA
-VBE(sat)
-
1
V
Current Gain Bandwidth Product
at -VCE=10V, -IC=10mA
fT
100
-
MHz
Output Capacitance
at -VCB=10V, f=1MHz
Cob
-
6
pF
Noise Figure
at -IC=0.2mA, -VCE=5V, f=15.7KHz
NF
-
8
dB


Html Pages

1  2 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
2SA1201 PNP Silicon Epitaxial Planar Transistor 1  2  SeCoS Halbleitertechnologie GmbH
MMBTSA1504 PNP Silicon Epitaxial Planar Transistor 1  2  3  SEMTECH ELECTRONICS LTD.
GISD1802 PNP EPITAXIAL PLANAR SILICON TRANSISTOR 1  2  3  GTM CORPORATION
2SA2209 PNP Epitaxial Planar Silicon Transistor 50V / 15A High-Speed Switching 1  2  3  4  Sanyo Semicon Device
CPH3146 PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications 1  2  3  4  Sanyo Semicon Device
2SB1737 PNP Epitaxial Planar Silicon Darlington Transistor Driver Applications 1  2  3  Sanyo Semicon Device
CPH3151 PNP Epitaxial Planar Silicon Transistor High-Voltage Switching Applications 1  2  3  4  Sanyo Semicon Device
2SA1257 PNP Epitaxial Planar Silicon Transistor 1  2  Guangdong Kexin Industrial Co.,Ltd
2SA1772 PNP Epitaxial Planar Silicon Transistor 1  2  Guangdong Kexin Industrial Co.,Ltd
2SA1576A PNP Silicon Epitaxial Planar Transistor 1  2  3  SeCoS Halbleitertechnologie GmbH

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn