Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MMBTA44 Fiches technique(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

No de pièce MMBTA44
Description  NPN Silicon Epitaxial Planar Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Site Internet  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

MMBTA44 Fiches technique(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  MMBTA44 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. MMBTA44 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 20/10/2005
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
MMBTA44
NPN Silicon Epitaxial Planar Transistor
for high voltage switching and amplifier applications.
The transistor is subdivided into one group according
to its DC current gain. As complementary type the
PNP transistor MMBTA94 is recommended.
On special request, these transistors can be
manufactured in different pin configurations.
SOT-23 Plastic Package
Absolute Maximum Ratings (Ta = 25 OC)
Symbol
Value
Unit
Collector Base Voltage
VCBO
500
V
Collector Emitter Voltage
VCEO
400
V
Emitter Base Voltage
VEBO
6
V
Collector Current
IC
300
mA
Power Dissipation
Ptot
200
mW
Junction Temperature
Tj
150
O
C
Storage Temperature Range
TS
-55 to +150
O
C


Html Pages

1  2 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
2N6059_03 SILICON NPN POWER DARLINGTON TRANSISTOR 1  2  3  4  STMicroelectronics
GISD1804 NPN EPITAXIAL PLANAR SILICON TRANSISTOR 1  2  3  GTM CORPORATION
2SC6097 NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications 1  2  3  4  Sanyo Semicon Device
F5H2201 NPN Epitaxial Planar Silicon Transistor 50V / 15A High-Speed Switching 1  2  3  4  5  Sanyo Semicon Device
BF422 NPN SILICON PLANAR EPITAXIAL TRANSISTOR 1  2  TRANSYS Electronics Limited
2PD601AW NPN Silicon Epitaxial Planar Transistor 1  2  3  Galaxy Semi-Conductor Holdings Limited
CPH3251 NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications 1  2  3  4  Sanyo Semicon Device
2SC4104 NPN Epitaxial Planar Silicon Transistor 1  Guangdong Kexin Industrial Co.,Ltd
BV32 NPN Silicon Epitaxial Planar Transistor 1  2  SEMTECH ELECTRONICS LTD.

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn