Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MMBTA44 Fiches technique(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

No de pièce MMBTA44
Description  NPN Silicon Epitaxial Planar Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Site Internet  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

MMBTA44 Fiches technique(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  MMBTA44 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. MMBTA44 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dated : 20/10/2005
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
MMBTA44
Characteristics at Tamb=25 OC
Symbol
Min.
Max.
Unit
DC Current Gain
at IC=1mA, VCE=10V
at IC=10mA, VCE=10V
at IC=30mA, VCE=10V
hFE
hFE
hFE
25
40
40
-
-
-
-
-
-
Emitter Cutoff Current
at VEB=4V
IEBO
-
0.1
µA
Collector Cutoff Current
at VCB=400V
ICBO
-
0.1
µA
Collector Cutoff Current
at VCE=400V
ICEO
-
0.5
µA
Collector Base Breakdown Voltage
at IC=100µA
V(BR)CBO
500
-
V
Collector Emitter Breakdown Voltage
at IC=1mA
V(BR)CEO
400
-
V
Emitter Base Breakdown Voltage
at IE=100µA
V(BR)EBO
6
-
V
Collector Saturation Voltage
at IC=1mA, IB=0.1mA
at IC=10mA, IB=1mA
at IC=50mA, IB=5mA
VCE(sat)
VCE(sat)
VCE(sat)
-
-
-
0.4
0.5
0.75
V
V
V
Base Saturation Voltage
at IC=10mA, IB=1mA
VBE(sat)
-
0.75
V
Collector Output Capacitance
at VCB=20V, f=1MHz
Cob
-
7
pF


Html Pages

1  2 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
2N6059_03 SILICON NPN POWER DARLINGTON TRANSISTOR 1  2  3  4  STMicroelectronics
GISD1804 NPN EPITAXIAL PLANAR SILICON TRANSISTOR 1  2  3  GTM CORPORATION
2SC6097 NPN Epitaxial Planar Silicon Transistor High-Current Switching Applications 1  2  3  4  Sanyo Semicon Device
F5H2201 NPN Epitaxial Planar Silicon Transistor 50V / 15A High-Speed Switching 1  2  3  4  5  Sanyo Semicon Device
BF422 NPN SILICON PLANAR EPITAXIAL TRANSISTOR 1  2  TRANSYS Electronics Limited
2PD601AW NPN Silicon Epitaxial Planar Transistor 1  2  3  Galaxy Semi-Conductor Holdings Limited
CPH3251 NPN Epitaxial Planar Silicon Transistor High-Voltage Switching Applications 1  2  3  4  Sanyo Semicon Device
2SC4104 NPN Epitaxial Planar Silicon Transistor 1  Guangdong Kexin Industrial Co.,Ltd
BV32 NPN Silicon Epitaxial Planar Transistor 1  2  SEMTECH ELECTRONICS LTD.

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn