Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SM10100D Datasheet(Fiches technique) 1 Page - SeCoS Halbleitertechnologie GmbH

Numéro de pièce SM10100D
Description  10.0 AMP Surface Mount Schottky Barrier Rectifiers
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SECOS [SeCoS Halbleitertechnologie GmbH]
Site Internet  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM10100D Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SM10100D Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM10100D Datenblatt HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SM1020D THRU SM10100D
VOLTAGE 20V ~ 100V
10.0 AMP Surface Mount Schottky Barrier Rectifiers
D
2-Pack
FEATURES
. Low forward voltage drop
. High current capability
. High reliability
. High surge current capability
. Epitaxial construction
MECHANICAL DATA
. Case: Molded plastic
. Epoxy: UL 94V-0 rate flame retardant
. Metallurgically bonded construction
. Polarity: Color band denotes cathode end
. Mounting position: Any
. Weight: 1.60 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25
ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
UNITS
Maximum Recurrent Peak Reverse Voltage
V
Working Peak Reverse Voltage
V
Maximum DC Blocking Voltage
SM1020D
20
20
20
SM1040D
40
40
40
V
Current, See Fig. 1
10.0
A
Peak Forward Surge Current, 8.3 mS single
on rated load (JEDEC method)
125
A
at 5.0A
V
M
Maximum Instantaneous Forward Voltage
aximum DC Reverse Current Ta=25
At Rated DC Blocking Voltage Ta=100
mA
Typical Junction Capacitance (Note 1)
0.55
0.3
45
700
SM1060D
60
60
60
0.65
0.20
22.5
460
SM10100D
100
100
100
0.83
0.10
10
280
pF
C
O
C
O
C
O
Maximum Average Forward Rectified
half Sine-wave superimposed
Typical Thermal Resistance R JC (Note 2)
3.0
/ W
Operating Temperature Range TJ
-50 ~ +150
Storage Temperature Range TSTG
-65 ~ +175
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance Junction to Ambient Vertical PC Board Mounting 0.5"(12.7mm) Lead Length.
1.2
+0.2
5.08
0.8
+ 0.2
0.1
10
+0.5
4.5
+0.2
1.28
2.7
0.4
+0.2
1
3
2
Common Cathode
Suffix "C"
1
3
2
Common Anode
Suffix "A"
1
3
2
Double
Suffix "D"
Dimensions in millimeters
01-Jun-2002 Rev. A
Page 1 of 2
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
SM1020C10.0 AMP Surface Mount Schottky Barrier Rectifiers 1 2 SeCoS Halbleitertechnologie GmbH
SCD2100VOLTAGE 100V 2.0 AMP Surface Mount Schottky Barrier Rectifiers 1 2 SeCoS Halbleitertechnologie GmbH
SM320A3.0 AMP Surface Mount Schottky Barrier Rectifiers 1 2 SeCoS Halbleitertechnologie GmbH
SCD3100VOLTAGE 100V 3.0 AMP Surface Mount Schottky Barrier Rectifiers 1 2 SeCoS Halbleitertechnologie GmbH
SCS715W0.03 Amp Surface Mount Schottky Barrier Rectifiers 1 2 SeCoS Halbleitertechnologie GmbH
SM320B3.0 AMP Surface Mount Schottky Barrier Rectifiers 1 2 SeCoS Halbleitertechnologie GmbH
SCS731DW0.03 Amp Surface Mount Schottky Barrier Rectifiers Array 1 2 SeCoS Halbleitertechnologie GmbH
SM320C3.0 AMP Surface Mount Schottky Barrier Rectifiers 1 2 SeCoS Halbleitertechnologie GmbH
SCS751G0.03 Amp Surface Mount Schottky Barrier Rectifiers 1 2 SeCoS Halbleitertechnologie GmbH
SCS751S0.03 Amp Surface Mount Schottky Barrier Rectifiers 1 2 SeCoS Halbleitertechnologie GmbH

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn