Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FFP-L53245 Fiches technique(PDF) 2 Page - JDS Uniphase Corporation

No de pièce FFP-L53245
Description  Fused Coupler,Polarization Maintaining (PM)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JDSU [JDS Uniphase Corporation]
Site Internet  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

FFP-L53245 Fiches technique(HTML) 2 Page - JDS Uniphase Corporation

  FFP-L53245 Datasheet HTML 1Page - JDS Uniphase Corporation FFP-L53245 Datasheet HTML 2Page - JDS Uniphase Corporation FFP-L53245 Datasheet HTML 3Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
FUSED COUPLER, PM TAP
Configuration
1x2
2x2
P4 (Blue)
P1 (Red) COMMON (Input)
P3 (Red) TAP (Output)
P2 (Blue) SIGNAL (Output)
P1 (Red) COMMON (Input)
P3 (Red) TAP (Output)
P2 (Blue) SIGNAL (Output)
Specifications1
Parameter
980 nm
1064 nm
1310 nm
14xx nm
15xx nm
16xx nm
Center wavelength range
980 nm
1064 nm
1310 nm
14xx nm
15xx nm
16xx nm
Available wavelength2
980 nm
1064 nm
1310 nm
1425 to 1499 nm 1500 to 1599 nm 1600 to 1650 nm
Extinction ratio3 (coupling ratio = 1/99, coupling ratio tolerance = ±0.5%)
Grade A
20 dB
20 dB
20 dB
20 dB
20 dB
20 dB
Grade B
17 dB
17 dB
17 dB
17 dB
17 dB
17 dB
Extinction ratio3 (coupling ratio = 5/95, coupling ratio tolerance = ±1.5%)
Grade A
20 dB
20 dB
20 dB
20 dB
20 dB
20 dB
Grade B
17 dB
17 dB
17 dB
17 dB
17 dB
17 dB
Extinction ratio3 (coupling ratio = 10/90, coupling ratio tolerance = ±3.0%)
Grade A
20 dB
20 dB
20 dB
20 dB
20 dB
20 dB
Grade B
17 dB
17 dB
17 dB
17 dB
17 dB
17 dB
Extinction ratio3 (coupling ratio = 33/67, coupling ratio tolerance = ±4.0%)
Grade A
17 dB
17 dB
20 dB
20 dB
20 dB
20 dB
Grade B
15 dB
15 dB
17 dB
17 dB
17 dB
17 dB
Extinction ratio4 (coupling ratio = 50/50, coupling ratio tolerance = ±5.0%)
Grade A
17 dB
17 dB
20 dB
20 dB
20 dB
20 dB
Grade B
15 dB
15 dB
17 dB
17 dB
17 dB
17 dB
Excess loss
Grade A
0.3 dB
Grade B
0.5 dB
Return loss/Directivity
50 dB
Pigtail tensile load
5 N
Operating temperature
-5 to 75 °C
Storage temperature
-40 to 85 °C
Fiber type
Polarization maintaining fiber (industry-standard profile)
1. All specifications are for operation at room temperature.
2. The center wavelength may be selected from within the available wavelength ranges supplied.
3. Defined for signal path P1-P2.
4. Defined for both signal path P1-P2 and tap path P1-P3.


Numéro de pièce similaire - FFP-L53245

FabricantNo de pièceFiches techniqueDescription
logo
JDS Uniphase Corporatio...
FFP-LM3145E0 JDSU-FFP-LM3145E0 Datasheet
109Kb / 3P
   Fused Coupler, PM Combiner
FFP-LM3145E1 JDSU-FFP-LM3145E1 Datasheet
109Kb / 3P
   Fused Coupler, PM Combiner
FFP-LM3145F0 JDSU-FFP-LM3145F0 Datasheet
109Kb / 3P
   Fused Coupler, PM Combiner
FFP-LM3145F1 JDSU-FFP-LM3145F1 Datasheet
109Kb / 3P
   Fused Coupler, PM Combiner
FFP-LM3145G0 JDSU-FFP-LM3145G0 Datasheet
109Kb / 3P
   Fused Coupler, PM Combiner
More results

Description similaire - FFP-L53245

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
86265 MOLEX-86265 Datasheet
144Kb / 2P
   PM (Polarization Maintaining) Fiber Assemblies
logo
OPLINK Communications I...
PMTC-S0068 OPLINK-PMTC-S0068 Datasheet
312Kb / 2P
   Polarization Maintaining Tap Coupler
PMTC1450U011 OPLINK-PMTC1450U011 Datasheet
299Kb / 2P
   Polarization Maintaining Tap Coupler
PMTC OPLINK-PMTC Datasheet
312Kb / 2P
   Polarization Maintaining Tap Coupler
logo
JDS Uniphase Corporatio...
FFP-5M3145E0 JDSU-FFP-5M3145E0 Datasheet
109Kb / 3P
   Fused Coupler, PM Combiner
logo
OPLINK Communications I...
PMOC13100031 OPLINK-PMOC13100031 Datasheet
291Kb / 2P
   Polarization Maintaining Optical Circulators
PMOC-S0067 OPLINK-PMOC-S0067 Datasheet
154Kb / 2P
   Polarization Maintaining Optical Circulators
PMBC OPLINK-PMBC Datasheet
316Kb / 2P
   Polarization Maintaining Beam Combiner
logo
Lightel Technologies IN...
PMPC-0980-1-B-1 LIGHTEL-PMPC-0980-1-B-1 Datasheet
88Kb / 1P
   Polarization Maintaining Patch Cord
logo
OPLINK Communications I...
PBOC OPLINK-PBOC Datasheet
267Kb / 2P
   Polarization Maintaining Beam Splitter
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com