Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DL4762A Fiches technique(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

No de pièce DL4762A
Description  Surface Mount Zener Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SECOS [SeCoS Halbleitertechnologie GmbH]
Site Internet  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

DL4762A Fiches technique(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  DL4762A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH DL4762A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Surface Mount Zener Diode
DL47 Series
1W, MELF
Maximum Zener Impedance
Maximum Reverse
Leakage Current
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Nominal
Zener
Voltage
Vz at Izt*
Test
Current
IzT
ZzT at IzT
Zzk at IzK
IzK
IR
Test-Voltage
Suffix B
Surge
Current
IR
At Ta=25℃
Maximum
Regulator
Current
IzM
Type
Number
Volts
mA
mA
µA
Volts
mA
mA
DL4728A
3.3
76
10
400
1.0
100
1.0
1380
276
DL4729A
3.6
69
10
400
1.0
100
1.0
1260
252
DL4730A
3.9
64
9
400
1.0
50
1.0
1170
234
DL4731A
4.3
58
9
400
1.0
10
1.0
1085
217
DL4732A
4.7
53
8
500
1.0
10
1.0
965
193
DL4733A
5.1
49
7
550
1.0
10
1.0
890
178
DL4734A
5.6
45
5
600
1.0
10
2.0
810
162
DL4735A
6.2
41
2
700
1.0
10
3.0
730
146
DL4736A
6.8
37
3.5
700
0.5
10
4.0
660
133
DL4737A
7.5
34
4
700
0.5
10
5.0
605
121
DL4738A
8.2
31
4.5
700
0.5
10
6.0
550
110
DL4739A
9.1
28
5
700
0.25
10
7.0
500
100
DL4740A
10
25
7
700
0.25
10
7.6
454
91
DL4741A
11
23
8
700
0.25
5
8.4
414
83
DL4742A
12
21
9
700
0.25
5
9.1
380
76
DL4743A
13
19
10
700
0.25
5
9.9
344
69
DL4744A
15
17
14
700
0.25
5
11.4
304
61
DL4745A
16
15.5
16
700
0.25
5
12.2
285
57
DL4746A
18
14
20
750
0.25
5
13.7
250
50
DL4747A
20
12.5
22
750
0.25
5
15.2
225
45
DL4748A
22
11.5
23
750
0.25
5
16.7
205
41
DL4749A
24
10.5
25
750
0.25
5
18.2
190
38
DL4750A
27
9.5
35
750
0.25
5
20.6
170
34
DL4751A
30
8.5
40
1000
0.25
5
22.8
150
30
DL4752A
33
7.5
45
1000
0.25
5
25.1
135
27
DL4753A
36
7.0
50
1000
0.25
5
27.4
125
25
DL4754A
39
6.5
60
1000
0.25
5
29.7
115
23
DL4755A
43
6.0
70
1500
0.25
5
32.7
110
22
DL4756A
47
5.5
80
1500
0.25
5
35.8
95
19
DL4757A
51
5.0
95
1500
0.25
5
38.8
90
18
DL4758A
56
4.5
110
2000
0.25
5
42.6
80
16
DL4759A
62
4.0
125
2000
0.25
5
47.1
70
14
DL4760A
68
3.7
150
2000
0.25
5
51.7
65
13
DL4761A
75
3.3
175
2000
0.25
5
56.0
60
12
DL4762A
82
3
200
3000
0.25
5
62.2
55
11
DL4763A
91
2.8
250
3000
0.25
5
69.2
50
10
DL4764A
100
2.5
300
3000
0.25
5
76.0
45
9
Standard Voltage Tolerance is ± 5 %
Measured with Pulses Tp = 40m Sec.
01-Jun-2002 Rev. A
Page 1 of 2
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Numéro de pièce similaire - DL4762A

FabricantNo de pièceFiches techniqueDescription
logo
Rectron Semiconductor
DL4762A RECTRON-DL4762A Datasheet
24Kb / 2P
   Surface Mount M.E.L.F ZENER DIODE
logo
Sangdest Microelectroni...
DL4762A SMC-DL4762A Datasheet
146Kb / 4P
   ZENER DIODES
logo
Formosa MS
DL4762A FORMOSA-DL4762A Datasheet
56Kb / 3P
   SURFACE MOUNT ZENER DIODES
logo
Zibo Seno Electronic En...
DL4762A ZSELEC-DL4762A Datasheet
157Kb / 3P
   1 .0 W ZENER DIODE
logo
Pan Jit International I...
DL4762A PANJIT-DL4762A Datasheet
62Kb / 3P
   SURFACE MOUNT ZENER DIODES
More results

Description similaire - DL4762A

FabricantNo de pièceFiches techniqueDescription
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
SMBJ5913B BILIN-SMBJ5913B Datasheet
243Kb / 5P
   Surface mount zener diode
logo
Microdiode Electronics ...
BZT52C2V0 CHENDA-BZT52C2V0 Datasheet
1Mb / 4P
   Surface mount zener diode
logo
SeCoS Halbleitertechnol...
MMSZ5221BS SECOS-MMSZ5221BS Datasheet
166Kb / 3P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
   Surface Mount Zener Diode
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
   Surface Mount Zener Diode
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com