Moteur de recherche de fiches techniques de composants électroniques |
|
DL4755A Fiches technique(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH |
|
DL4755A Fiches technique(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH |
1 / 2 page Surface Mount Zener Diode DL47 Series 1W, MELF Maximum Zener Impedance Maximum Reverse Leakage Current http://www.SeCoSGmbH.com/ Any changing of specification will not be informed individual Nominal Zener Voltage Vz at Izt* Test Current IzT ZzT at IzT Zzk at IzK IzK IR Test-Voltage Suffix B Surge Current IR At Ta=25℃ Maximum Regulator Current IzM Type Number Volts mA Ω Ω mA µA Volts mA mA DL4728A 3.3 76 10 400 1.0 100 1.0 1380 276 DL4729A 3.6 69 10 400 1.0 100 1.0 1260 252 DL4730A 3.9 64 9 400 1.0 50 1.0 1170 234 DL4731A 4.3 58 9 400 1.0 10 1.0 1085 217 DL4732A 4.7 53 8 500 1.0 10 1.0 965 193 DL4733A 5.1 49 7 550 1.0 10 1.0 890 178 DL4734A 5.6 45 5 600 1.0 10 2.0 810 162 DL4735A 6.2 41 2 700 1.0 10 3.0 730 146 DL4736A 6.8 37 3.5 700 0.5 10 4.0 660 133 DL4737A 7.5 34 4 700 0.5 10 5.0 605 121 DL4738A 8.2 31 4.5 700 0.5 10 6.0 550 110 DL4739A 9.1 28 5 700 0.25 10 7.0 500 100 DL4740A 10 25 7 700 0.25 10 7.6 454 91 DL4741A 11 23 8 700 0.25 5 8.4 414 83 DL4742A 12 21 9 700 0.25 5 9.1 380 76 DL4743A 13 19 10 700 0.25 5 9.9 344 69 DL4744A 15 17 14 700 0.25 5 11.4 304 61 DL4745A 16 15.5 16 700 0.25 5 12.2 285 57 DL4746A 18 14 20 750 0.25 5 13.7 250 50 DL4747A 20 12.5 22 750 0.25 5 15.2 225 45 DL4748A 22 11.5 23 750 0.25 5 16.7 205 41 DL4749A 24 10.5 25 750 0.25 5 18.2 190 38 DL4750A 27 9.5 35 750 0.25 5 20.6 170 34 DL4751A 30 8.5 40 1000 0.25 5 22.8 150 30 DL4752A 33 7.5 45 1000 0.25 5 25.1 135 27 DL4753A 36 7.0 50 1000 0.25 5 27.4 125 25 DL4754A 39 6.5 60 1000 0.25 5 29.7 115 23 DL4755A 43 6.0 70 1500 0.25 5 32.7 110 22 DL4756A 47 5.5 80 1500 0.25 5 35.8 95 19 DL4757A 51 5.0 95 1500 0.25 5 38.8 90 18 DL4758A 56 4.5 110 2000 0.25 5 42.6 80 16 DL4759A 62 4.0 125 2000 0.25 5 47.1 70 14 DL4760A 68 3.7 150 2000 0.25 5 51.7 65 13 DL4761A 75 3.3 175 2000 0.25 5 56.0 60 12 DL4762A 82 3 200 3000 0.25 5 62.2 55 11 DL4763A 91 2.8 250 3000 0.25 5 69.2 50 10 DL4764A 100 2.5 300 3000 0.25 5 76.0 45 9 Standard Voltage Tolerance is ± 5 % Measured with Pulses Tp = 40m Sec. 01-Jun-2002 Rev. A Page 1 of 2 RoHS Compliant Product A suffix of "-C" specifies halogen & lead-free |
Numéro de pièce similaire - DL4755A |
|
Description similaire - DL4755A |