Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ADM-2F2721015 Datasheet(Fiches technique) 4 Page - JDS Uniphase Corporation

Numéro de pièce ADM-2F2721015
Description  Filter Add/Drop Module 200 GHz Spacing
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  JDSU [JDS Uniphase Corporation]
Site Internet  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

ADM-2F2721015 Datasheet(HTML) 4 Page - JDS Uniphase Corporation

  ADM-2F2721015 Datenblatt HTML 1Page - JDS Uniphase Corporation ADM-2F2721015 Datenblatt HTML 2Page - JDS Uniphase Corporation ADM-2F2721015 Datenblatt HTML 3Page - JDS Uniphase Corporation ADM-2F2721015 Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU
Telcordia is a registered trademark of Telcordia Technologies Incorporated.
All statements, technical information and recommendations related to the products herein are based upon information believed to be
reliable or accurate. However, the accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any
inaccuracies. The user assumes all risks and liability whatsoever in connection with the use of a product or its application. JDSU reserves
the right to change at any time without notice the design, specifications, function, fit or form of its products described herein, includ-
ing withdrawal at any time of a product offered for sale herein. JDSU makes no representations that the products
herein are free from any intellectual property claims of others. Please contact JDSU for more information. JDSU and the JDSU logo are
trademarks of JDS Uniphase Corporation. Other trademarks are the property of their respective holders. ©2006 JDS Uniphase
Corporation. All rights reserved. 10135547 Rev. 002 03/06 FADM200.DS.CMS.AE
FILTER ADD/DROP MODULE 200 GHZ SPACING
ADM-2F
Sample: ADM-2F2721014
101
Channel Frequency Code
Povided by JDSU upon customer confirmation
Code
Connector Type1
0None
2FC/SPC
3
FC/APC
4
SC/SPC
5
SC/APC
6
LC/UPC
7
LC/APC
1. Other connectors available upon request.
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or
JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at
customer.service@jdsu.com.


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
ADM-1F2721010Filter Add/Drop Module 100 GHz Spacing 1 2 3 4 JDS Uniphase Corporation
DWM-2F4DS2720Multi-Channel Mux/Demux Module 200 GHz Spacing 1 2 3 4 JDS Uniphase Corporation
DWBW2F4S02Bandsplitters 200 GHz Channel Spacing 1 2 3 JDS Uniphase Corporation
DWS-2F3883P20WDM Filter 200 GHz ITU Component 1 2 3 JDS Uniphase Corporation
DWM-1F4DS2720Multi-Channel Mux/Demux Module 100 GHz Spacing 1 2 3 4 JDS Uniphase Corporation
MDX-01AD1018B100 GHz Dense Wavelength Division Multiplexing Optical Add/Drop Module 1 2 3 4 JDS Uniphase Corporation
HMC-C044GaAs MMIC I/Q MIXER MODULE 15 - 23 GHz 1 2 3 4 5 MoreHittite Microwave Corporation
AWM64323.3-3.6 GHz WiMAX PowerAmplifier Module 1 2 3 4 5 MoreANADIGICS, Inc
TM020-080-12-202 ~ 8 GHz 20 dBm Module 1 Transcom, Inc.

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn