Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ADM-1F2721013 Datasheet(Fiches technique) 3 Page - JDS Uniphase Corporation

Numéro de pièce ADM-1F2721013
Description  Filter Add/Drop Module 100 GHz Spacing
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  JDSU [JDS Uniphase Corporation]
Site Internet  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

ADM-1F2721013 Datasheet(HTML) 3 Page - JDS Uniphase Corporation

  ADM-1F2721013 Datenblatt HTML 1Page - JDS Uniphase Corporation ADM-1F2721013 Datenblatt HTML 2Page - JDS Uniphase Corporation ADM-1F2721013 Datasheet HTML 3Page - JDS Uniphase Corporation ADM-1F2721013 Datenblatt HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
FILTER ADD/DROP MODULE 100 GHZ SPACING
Specifications
Parameter
Specification
Wavelength range
C or L band ITU channels 186.6 to 196.1 THz
Passband
Minimum
±12.5 GHz (
≈ ±0.10 nm)
Passband ripple
Maximum
0.35 dB
Drop insertion loss1
Maximum
1.1 dB
Express insertion loss1
Maximum
0.9 dB
Add insertion loss1
Maximum
1.1 dB
Drop isolation (adjacent channel)
Minimum
25 dB
Drop Isolation (non-adjacent channel)
Minimum
50 dB
Express isolation
Minimum
30 dB
Directivity
Minimum
50 dB
Return loss
Minimum
45 dB
Polarization dependent loss
Maximum
0.2 dB
Polarization mode dispersion
Maximum
0.15 ps
Optical power handling
Maximum
1 W
Operating temperature range
0 to 70 °C
Storage temperature range
-40 to 85 °C
Fiber type
9/125/900 µm fiber
Fiber length
1.0±0.1 m
Package size (L x W x H)
130.0 x 70.0 x 12.7 mm
1. Losses include one connector. If no connector option is selected, the maximum loss should be 0.2 dB lower.


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn