Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ADM-1F2721010 Fiches technique(PDF) 4 Page - JDS Uniphase Corporation

No de pièce ADM-1F2721010
Description  Filter Add/Drop Module 100 GHz Spacing
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JDSU [JDS Uniphase Corporation]
Site Internet  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

ADM-1F2721010 Fiches technique(HTML) 4 Page - JDS Uniphase Corporation

  ADM-1F2721010 Datasheet HTML 1Page - JDS Uniphase Corporation ADM-1F2721010 Datasheet HTML 2Page - JDS Uniphase Corporation ADM-1F2721010 Datasheet HTML 3Page - JDS Uniphase Corporation ADM-1F2721010 Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU
Telcordia is a registered trademark of Telcordia Technologies Incorporated.
All statements, technical information and recommendations related to the products herein are based upon information believed to be
reliable or accurate. However, the accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any
inaccuracies. The user assumes all risks and liability whatsoever in connection with the use of a product or its application. JDSU reserves
the right to change at any time without notice the design, specifications, function, fit or form of its products described herein, includ-
ing withdrawal at any time of a product offered for sale herein. JDSU makes no representations that the products
herein are free from any intellectual property claims of others. Please contact JDSU for more information. JDSU and the JDSU logo are
trademarks of JDS Uniphase Corporation. Other trademarks are the property of their respective holders. ©2006 JDS Uniphase
Corporation. All rights reserved. 10139959 Rev. 002 03/06 FADM100.DS.CMS.AE
FILTER ADD/DROP MODULE 100 GHZ SPACING
ADM-1F
Sample: ADM-1F2721014
101
Channel Frequency Code
Povided by JDSU upon customer confirmation
Code
Connector Type1
0None
2FC/SPC
3
FC/APC
4
SC/SPC
5
SC/APC
6
LC/UPC
7
LC/APC
1. Other connectors available upon request.
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or
JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at
customer.service@jdsu.com.


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
MDX-01AD1018B 100 GHz Dense Wavelength Division Multiplexing Optical Add/Drop Module 1  2  3  4  JDS Uniphase Corporation
DWM-1F4DS2720 Multi-Channel Mux/Demux Module 100 GHz Spacing 1  2  3  4  JDS Uniphase Corporation
DWBW2F4S01 Bandsplitters 100 GHz Channel Spacing 1  2  3  JDS Uniphase Corporation
DWM-2F4DS2720 Multi-Channel Mux/Demux Module 200 GHz Spacing 1  2  3  4  JDS Uniphase Corporation
DWS-1F3883P20 WDM Filter 100 GHz ITU Component 1  2  3  JDS Uniphase Corporation
DWS-1F3683L20-WB WDM Filter 100 GHz Extrawide Passband Low CD for 40 Gbps Applications 1  2  JDS Uniphase Corporation
HMC-C038 WIDEBAND DRIVER AMPLIFIER MODULE 2 - 35 GHz 1  2  3  4  5  More Hittite Microwave Corporation
HMC-C033_1 GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER MODULE 24 - 33 GHz OUTPUT 1  2  3  4  5  More Hittite Microwave Corporation

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn