Moteur de recherche de fiches techniques de composants électroniques |
|
FWM-T41D7F30 Fiches technique(PDF) 3 Page - JDS Uniphase Corporation |
|
FWM-T41D7F30 Fiches technique(HTML) 3 Page - JDS Uniphase Corporation |
3 / 3 page NORTH AMERICA : 800 498-JDSU (5378) WEBSITE : www.jdsu.com WORLDWIDE : +800 5378-JDSU Telcordia is a registered trademark of Telcordia Technologies Incorporated. All statements, technical information and recommendations related to the products herein are based upon information believed to be reliable or accurate. However, the accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any inaccuracies. The user assumes all risks and liability whatsoever in connection with the use of a product or its application. JDSU reserves the right to change at any time without notice the design, specifications, function, fit or form of its products described herein, including withdrawal at any time of a product offered for sale herein. JDSU makes no representations that the products herein are free from any intellectual property claims of others. Please contact JDSU for more information. JDSU and the JDSU logo are trademarks of JDS Uniphase Corporation. Other trademarks are the property of their respective holders. ©2006 JDS Uniphase Corporation. All rights reserved. 10143040 Rev. 003 02/06 CWDMMUXDEMUX.DS.CMS.AE MULTI-CHANNEL CWDM MUX/DEMUX 20 NM SPACING Sample: FWM-T80D7F094 Ordering Information For more information on this or other products and their availability, please contact your local JDSU account manager or JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at customer.service@jdsu.com. FWM-T Code Connector Type 0None 2FC/SPC 3 FC/APC 4 SC/SPC 5 SC/APC 6 LC/UPC 7 LC/APC 1. Default for 8 channel. Code Number of Channels 4 4 channels 8 8 channels Code Channel Plan 0 ITU channels 1 ITU+1 channels Code Device Type DDemux MMux Code Channels 7 Starts at 147x1 9 Starts at 149x 1 Starts at 151x 3 Starts at 153x 5 Starts at 155x Code Package F09 Flat box, 900 µm fiber F16 Flat box, 1.6 mm fiber F20 Flat box, 2.0 mm fiber F30 Flat box, 3.0 mm fiber LGX LGX cassette |
Numéro de pièce similaire - FWM-T41D7F30 |
|
Description similaire - FWM-T41D7F30 |