Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MDX-01AD1018B Fiches technique(PDF) 3 Page - JDS Uniphase Corporation

No de pièce MDX-01AD1018B
Description  100 GHz Dense Wavelength Division Multiplexing Optical Add/Drop Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JDSU [JDS Uniphase Corporation]
Site Internet  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

MDX-01AD1018B Fiches technique(HTML) 3 Page - JDS Uniphase Corporation

  MDX-01AD1018B Datasheet HTML 1Page - JDS Uniphase Corporation MDX-01AD1018B Datasheet HTML 2Page - JDS Uniphase Corporation MDX-01AD1018B Datasheet HTML 3Page - JDS Uniphase Corporation MDX-01AD1018B Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Specifications1
Parameter
1-Channel2
4-Channel
8-Channel
Network Optical
Mux/add insertion loss
Maximum
1.4 dB
3.7 dB
4.0 dB
Typical
1.0 dB
2.6 dB
3.2 dB
Demux/drop insertion loss
Maximum
1.4 dB
3.7 dB
4.0 dB
Typical
1.0 dB
2.6 dB
3.2 dB
Upgrade path insertion loss
Maximum
0.9 dB
0.9 dB
1.2 dB
Optical pass-through insertion loss
Maximum
1.8 dB
1.8 dB
2.4 dB
Channel passband
Minimum
±0.1 nm
±0.1 nm
±0.1 nm
Channel flatness
Minimum
0.5 dB
0.5 dB
0.5 dB
Channel loss uniformity
1 dB
1 dB
Isolation
Adjacent ITU 100 GHz channel
Minimum
25 dB
25 dB
25 dB
Non-adjacent ITU 100 GHz channel Minimum
50 dB
50 dB
50 dB
Through channel add/drop
Minimum
30 dB
30 dB
30 dB
Optical return loss
Minimum
40 dB
40 dB
40 dB
Maximum input optical power
1 W
1 W
1 W
– Sum of all ports
Polarization dependent loss (PDL)
Maximum
0.2 dB
0.2 dB
0.2 dB
Polarization mode dispersion (PMD)
Maximum
0.2 ps
0.2 ps
0.2 ps
Physical
Size (H x W x L)
129.5 x 28.4 x 160.3 mm
129.5 x 28.4 x 160.3 mm
129.5 x 57.7 x 160.3 mm
(5.10 x 1.12 x 6.31 in)
(5.10 x 1.12 x 6.31 in)
(5.10 x 2.27 x 6.31 in)
single-slot LGX
single-slot LGX
double-slot LGX
Optical connector type, all ports
Duplex LC/PC
Duplex LC/PC
Duplex LC/PC
Weight, approximate
0.45 kg (1 lb)
0.45 kg (1 lb)
0.91 kg (2 lb)
Environmental
Operating ambient temperature
–5 to 70°C
Storage temperature
–40 to 85°C
Relative humidity, non-condensing
5 to 85%
1. All specifications are guaranteed over the life, operating temperatures, and wavelength range specified.
2 One-channel DWDM OADM provides add/drop functionality for two fiber pairs. Optical specifications for east and west interfaces are identical.
100 GHZ DWDM OADM


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn