Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74CBT16244 Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74CBT16244
Description  16-BIT FET BUS SWITCHES
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74CBT16244 Fiches technique(HTML) 2 Page - Texas Instruments

  SN74CBT16244 Datasheet HTML 1Page - Texas Instruments SN74CBT16244 Datasheet HTML 2Page - Texas Instruments SN74CBT16244 Datasheet HTML 3Page - Texas Instruments SN74CBT16244 Datasheet HTML 4Page - Texas Instruments SN74CBT16244 Datasheet HTML 5Page - Texas Instruments SN74CBT16244 Datasheet HTML 6Page - Texas Instruments SN74CBT16244 Datasheet HTML 7Page - Texas Instruments SN74CBT16244 Datasheet HTML 8Page - Texas Instruments SN74CBT16244 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SN54CBT16244, SN74CBT16244
16-BIT FET BUS SWITCHES
SCDS031I – MAY 1996 – REVISED OCTOBER 2000
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
logic diagram (positive logic)
3A1
3A4
1OE
1B1
1B4
47
43
1
2
6
2A4
2OE
2B1
2B4
41
37
48
8
12
2A1
3B1
3B4
36
32
25
13
17
1A1
1A4
3OE
4A4
4OE
30
26
24
19
23
4A1
4B1
4B4
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous channel current
128 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI/O < 0)
–50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): DGG package
70
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DGV package
58
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DL package
63
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
2. The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions (see Note 3)
SN54CBT16244
SN74CBT16244
UNIT
MIN
MAX
MIN
MAX
UNIT
VCC
Supply voltage
4
5.5
4
5.5
V
VIH
High-level control input voltage
2
2
V
VIL
Low-level control input voltage
0.8
0.8
V
TA
Operating free-air temperature
–55
125
–40
85
°C
NOTE 3: All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.


Numéro de pièce similaire - SN74CBT16244

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74CBT16244 TI-SN74CBT16244 Datasheet
235Kb / 13P
[Old version datasheet]   16-BIT FET BUS SWITCHES
SN74CBT16244C TI-SN74CBT16244C Datasheet
188Kb / 11P
[Old version datasheet]   16-BIT FET BUS SWITCH 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT16244C TI-SN74CBT16244C Datasheet
370Kb / 13P
[Old version datasheet]   16-BIT FET BUS SWITCH 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT16244CDGG TI-SN74CBT16244CDGG Datasheet
188Kb / 11P
[Old version datasheet]   16-BIT FET BUS SWITCH 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT16244CDGG TI-SN74CBT16244CDGG Datasheet
370Kb / 13P
[Old version datasheet]   16-BIT FET BUS SWITCH 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
More results

Description similaire - SN74CBT16244

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54CBT16244 TI-SN54CBT16244_07 Datasheet
235Kb / 13P
[Old version datasheet]   16-BIT FET BUS SWITCHES
SN54CBT16212A TI1-SN54CBT16212A_15 Datasheet
1Mb / 17P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCHES
SN54CBT16212A TI-SN54CBT16212A_07 Datasheet
405Kb / 14P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCHES
SN54CBT16209 TI-SN54CBT16209 Datasheet
70Kb / 5P
[Old version datasheet]   18-BIT FET BUS-EXCHANGE SWITCHES
SN54CBT16209 TI1-SN54CBT16209_15 Datasheet
768Kb / 14P
[Old version datasheet]   18-BIT FET BUS-EXCHANGE SWITCHES
SN54CBT16212A TI-SN54CBT16212A Datasheet
353Kb / 13P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCHES
SN54CBT3383 TI-SN54CBT3383 Datasheet
67Kb / 5P
[Old version datasheet]   10-BIT FET BUS-EXCHANGE SWITCHES
SN54CBT3383 TI-SN54CBT3383_06 Datasheet
348Kb / 14P
[Old version datasheet]   10-BIT FET BUS-EXCHANGE SWITCHES
logo
Renesas Technology Corp
HD74CBT16212A RENESAS-HD74CBT16212A Datasheet
124Kb / 13P
   24-bit FET Bus-Exchange Switches
logo
Texas Instruments
SN54CBT16209 TI-SN54CBT16209_07 Datasheet
346Kb / 14P
[Old version datasheet]   18-BIT FET BUS-EXCHANGE SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com