Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FWLF1634RV47 Fiches technique(PDF) 7 Page - Finisar Corporation.

No de pièce FWLF1634RV47
Description  4Gbps Long-Reach DWDM SFP Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FINISAR [Finisar Corporation.]
Site Internet  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FWLF1634RV47 Fiches technique(HTML) 7 Page - Finisar Corporation.

Back Button FWLF1634RV47 Datasheet HTML 2Page - Finisar Corporation. FWLF1634RV47 Datasheet HTML 3Page - Finisar Corporation. FWLF1634RV47 Datasheet HTML 4Page - Finisar Corporation. FWLF1634RV47 Datasheet HTML 5Page - Finisar Corporation. FWLF1634RV47 Datasheet HTML 6Page - Finisar Corporation. FWLF1634RV47 Datasheet HTML 7Page - Finisar Corporation. FWLF1634RV47 Datasheet HTML 8Page - Finisar Corporation. FWLF1634RV47 Datasheet HTML 9Page - Finisar Corporation. FWLF1634RV47 Datasheet HTML 10Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
FWLF1634Ryxx DWDM SFP Preliminary Product Specification – February 2009
F i n i s a r
© Finisar Corporation
PRELIMINARY
Page 7
Rev C2, Feb.2009
VI. Wavelength Stabilization
The laser transmitter will not be turned on until its temperature is adjusted to ensure
operation within the specified channel (X +/- 300pm). This temperature stabilization time is
dependent on the ambient temperature conditions, but will typically occur within 5 seconds
of powering the device. The module will transmit within the specified wavelength tolerance
(X +/- 100pm) within 10 ms of transmitter operation.
VII. General Specifications
VIII. Environmental Specifications
Parameter
Symbol
Min
Typ
Max
Units Notes/Conditions
Operating Temp
Top
-5
70
°C
Case temperature measured on top-side of
device
Storage Temp
Tsto
-40
85
°C
Ambient temperature
Eye Safety
CDRH and IEC-825 Class 1 Laser
Product. See Note 1
Note 1: Complies with FDA performance standards for laser products except for deviations pursuant to Laser Notice No.
50, dated July 26, 2001.
Parameter
Symbol
Min
Typ
Max
Units Notes/Conditions
Data Rate
BR
0.155
4.25
Gb/sec SONET OC-3/12/48 compatible
Total Link Budget
26
30
dB
@ 4.25 Gb/s, BER <10
-12 w/
PRBS 2
7-1. See Note 1
Total Link Budget
31
34
dB
@ 2.5 Gb/s, BER <10
-12 w/ PRBS
2
23-1. See Note 1
Note 1: Total link budget is defined as Pout – Pin – typical connector losses. Operating in low rate mode


Numéro de pièce similaire - FWLF1634RV47

FabricantNo de pièceFiches techniqueDescription
logo
Finisar Corporation.
FWLF1634RL FINISAR-FWLF1634RL Datasheet
374Kb / 11P
   Long-Reach DWDM SFP Transceiver
logo
Frontier Electronics.
FWLF1634RLXX FRONTIER-FWLF1634RLXX Datasheet
1Mb / 5P
   Product Guide
logo
Finisar Corporation.
FWLF1634RLXX FINISAR-FWLF1634RLXX Datasheet
374Kb / 11P
   Long-Reach DWDM SFP Transceiver
FWLF1634RY17 FINISAR-FWLF1634RY17 Datasheet
205Kb / 10P
   4Gbps Long-Reach DWDM SFP Transceiver
FWLF1634Ry18 FINISAR-FWLF1634Ry18 Datasheet
205Kb / 10P
   4Gbps Long-Reach DWDM SFP Transceiver
More results

Description similaire - FWLF1634RV47

FabricantNo de pièceFiches techniqueDescription
logo
Finisar Corporation.
FWLF1634RY17 FINISAR-FWLF1634RY17 Datasheet
205Kb / 10P
   4Gbps Long-Reach DWDM SFP Transceiver
FWLF1631R FINISAR-FWLF1631R Datasheet
347Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1631R17 FINISAR-FWLF1631R17 Datasheet
106Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1631RXX FINISAR-FWLF1631RXX Datasheet
347Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1634RL FINISAR-FWLF1634RL Datasheet
374Kb / 11P
   Long-Reach DWDM SFP Transceiver
FWDM-1629-17 FINISAR-FWDM-1629-17 Datasheet
97Kb / 10P
   DWDM SFP Transceiver
FWLF1631 FINISAR-FWLF1631 Datasheet
205Kb / 10P
   DWDM SFP Transceiver
logo
OPLINK Communications I...
S0255-TPD2XGKZRXXG OPLINK-S0255-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
TPD1XGKZRXXG OPLINK-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
TPD2XGKZRXXG OPLINK-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com