Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AS1004ANE4 Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce SN74AS1004ANE4
Description  HEX INVERTING DRIVERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74AS1004ANE4 Fiches technique(HTML) 3 Page - Texas Instruments

  SN74AS1004ANE4 Datasheet HTML 1Page - Texas Instruments SN74AS1004ANE4 Datasheet HTML 2Page - Texas Instruments SN74AS1004ANE4 Datasheet HTML 3Page - Texas Instruments SN74AS1004ANE4 Datasheet HTML 4Page - Texas Instruments SN74AS1004ANE4 Datasheet HTML 5Page - Texas Instruments SN74AS1004ANE4 Datasheet HTML 6Page - Texas Instruments SN74AS1004ANE4 Datasheet HTML 7Page - Texas Instruments SN74AS1004ANE4 Datasheet HTML 8Page - Texas Instruments SN74AS1004ANE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SN54AS1004A, SN74ALS1004, SN74AS1004A
HEX INVERTING DRIVERS
SDAS074B – APRIL 1982 – REVISED JANUARY 1995
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: SN54AS1004A
– 55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74AS1004A
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions
SN54AS1004A
SN74AS1004A
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
IOH
High-level output current
–40
–48
mA
IOL
Low-level output current
40
48
mA
TA
Operating free-air temperature
–55
125
0
70
°C
‡ These high sink- or source-current devices are not recommended for use above 40 MHz.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54AS1004A
SN74AS1004A
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP§
MAX
MIN
TYP§
MAX
UNIT
VIK
VCC = 4.5 V,
II = –18 mA
–1.2
–1.2
V
VCC = 4.5 V to 5.5 V,
IOH = – 2 mA
VCC –2
VCC –2
VOH
IOH = – 3 mA
2.4
3.2
2.4
3.2
V
VOH
VCC = 4.5 V
IOH = – 40 mA
2
V
IOH = – 48 mA
2
VOL
VCC =4 5V
IOL = 40 mA
0.25
0.5
V
VOL
VCC = 4.5 V
IOL = 48 mA
0.35
0.5
V
II
VCC = 5.5 V,
VI = 7 V
0.1
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
IIL
VCC = 5.5 V,
VI = 0.4 V
– 0.5
– 0.5
mA
IO¶
VCC = 5.5 V,
VO = 2.25 V
–50
– 200
–50
– 200
mA
ICCH
VCC = 5.5 V,
VI = 0
3.5
5
3.5
5
mA
ICCL
VCC = 5.5 V,
VI = 4.5 V
16
27
16
27
mA
§ All typical values are at VCC = 5 V, TA = 25°C.
¶ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.


Numéro de pièce similaire - SN74AS1004ANE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AS1004ANE4 TI-SN74AS1004ANE4 Datasheet
544Kb / 17P
[Old version datasheet]   HEX INVERTING DRIVERS
SN74AS1004ANE4 TI-SN74AS1004ANE4 Datasheet
635Kb / 16P
[Old version datasheet]   HEX INVERTING DRIVERS
SN74AS1004ANE4 TI-SN74AS1004ANE4 Datasheet
664Kb / 16P
[Old version datasheet]   HEX INVERTING DRIVERS
More results

Description similaire - SN74AS1004ANE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54AS1004A TI-SN54AS1004A_08 Datasheet
664Kb / 16P
[Old version datasheet]   HEX INVERTING DRIVERS
SN54AS1004A TI-SN54AS1004A_1 Datasheet
635Kb / 16P
[Old version datasheet]   HEX INVERTING DRIVERS
SN54AS1004A TI-SN54AS1004A_07 Datasheet
544Kb / 17P
[Old version datasheet]   HEX INVERTING DRIVERS
SN54HC368 TI1-SN54HC368_16 Datasheet
1Mb / 19P
[Old version datasheet]   HEX INVERTING BUFFERS AND LINE DRIVERS
logo
List of Unclassifed Man...
DV74ALS1005 ETC1-DV74ALS1005 Datasheet
182Kb / 2P
   Hex Inverting Drivers with Open Collector Outputs
logo
Fairchild Semiconductor
CD4049UBC FAIRCHILD-CD4049UBC Datasheet
63Kb / 7P
   Hex Inverting Buffer . Hex Non-Inverting Buffer
CD4049UBC FAIRCHILD-CD4049UBC_02 Datasheet
73Kb / 7P
   Hex Inverting Buffer Hex Non-Inverting Buffer
CD4050BCMX FAIRCHILD-CD4050BCMX Datasheet
74Kb / 7P
   Hex Inverting Buffer ??Hex Non-Inverting Buffer
logo
National Semiconductor ...
CD4049UBM NSC-CD4049UBM Datasheet
129Kb / 6P
   Hex Inverting,Non-Inverting Buffer
5404 NSC-5404 Datasheet
107Kb / 6P
   Hex Inverting Gates
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com