Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

54-00212 Datasheet(Fiches technique) 3 Page - JDS Uniphase Corporation

Numéro de pièce 54-00212
Description  Diode Lasers,High Brightness 10 W, 9xx nm
Télécharger  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  JDSU [JDS Uniphase Corporation]
Site Internet  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

54-00212 Datasheet(HTML) 3 Page - JDS Uniphase Corporation

  54-00212 Datenblatt HTML 1Page - JDS Uniphase Corporation 54-00212 Datenblatt HTML 2Page - JDS Uniphase Corporation 54-00212 Datasheet HTML 3Page - JDS Uniphase Corporation 54-00212 Datenblatt HTML 4Page - JDS Uniphase Corporation 54-00212 Datenblatt HTML 5Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
63XX SERIES DIODE LASERS
Electro-optical Specifications
Parameter
Symbol
Min.
Typ.
Max.
Unit
Laser Characteristics
CW output power
Po
?
?
10
W
Center wavelength and tolerance
?c
915 (10)
nm
940 (10)
976 (10)
Spectral width
??
?
3.5
?
nm
Slope efficiency
?d = Po/(Iop?Ith)
?
1
?
W/A
Conversion efficiency
? = Po/(IopVop)?
55
?
%
Emitting dimensions
W x H
?
100 x 1
?
m
FWHM beam divergence
Parallel to junction
?
//
?8
?
degrees
Perpendicular to junction
??
?27
?
degrees
Threshold current
Ith
?
0.55
0.8
A
Operating current
Iop
?
11
12
A
Operating voltage
Vop
?
1.8
2.3
V
Series resistance
Rs
?
0.03
?
?
Thermal resistance
Rth
?
2.5
?
C/W
Recommended case temperature
Tc
15
?
30
C
Absolute Maximum and Minimum Ratings
Reverse voltage
Vr
??2
V
Case operating temperature
Top
-20
?
50
C
Storage temperature range
Tstg
-40
?
80
C
Lead soldering temperature
Tis
?
?
250 (5 sec.)
C
Note:
Typical value at 25C and 0.6 NA collection optics
Typical Optical Characteristics
Light vs. Current
Current (A)
12
10
8
6
4
2
0
02
4
6
8
10
12


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn