Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

54-00211 Datasheet(Fiches technique) 1 Page - JDS Uniphase Corporation

Numéro de pièce 54-00211
Description  Diode Lasers,High Brightness 10 W, 9xx nm
Télécharger  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  JDSU [JDS Uniphase Corporation]
Site Internet  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

54-00211 Datasheet(HTML) 1 Page - JDS Uniphase Corporation

  54-00211 Datasheet HTML 1Page - JDS Uniphase Corporation 54-00211 Datenblatt HTML 2Page - JDS Uniphase Corporation 54-00211 Datenblatt HTML 3Page - JDS Uniphase Corporation 54-00211 Datenblatt HTML 4Page - JDS Uniphase Corporation 54-00211 Datenblatt HTML 5Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
COMMERCIAL LASERS
Key Features
• 100 µm emitter width
• High-efficiency, MOCVD quantum well design
• High reliability
The 63xx series diode lasers represent an advancement in high continuous-wave
(CW) optical power and ultrahigh brightness with unsurpassed reliability. The
small emitting aperture, combined with low beam divergence, makes the 63xx series
the highest brightness family of CW diode lasers available in the industry.
The 63xx series consists of partially coherent broad-area emitters, with relatively
uniform emission over the emitting aperture. Operation is multilongitudinal
mode, with a spectral envelope width of approximately 3.5 nm full width, half
maximum (FWHM). The far field beam divergence in the plane perpendicular to
the P/N junction is nearly Gaussian, while the lateral beam profile exhibits a
multiple-transverse mode pattern typical of broad-area emitters. The 63xx series
offers up to 10 W of output from a 100 µm aperture.
The high efficiency of the quantum well structure, combined with low thermal
resistance epi-down chip mounting, provides minimum junction temperature at
high optical power. Low junction temperature and low thermal resistance
packages extend the lifetime and increase reliability.
These diodes are mounted on a low thermal-resistance, electrically isolated
submount, allowing for easy integration into user systems.
Applications
• Fiber laser pumping
• Medical/ophthalmic applications
• Beacons/illumination
Diode Lasers, High Brightness 10 W, 9xx nm
63xx Series
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU


Html Pages

1  2  3  4  5