Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

24-00135 Fiches technique(PDF) 6 Page - JDS Uniphase Corporation

No de pièce 24-00135
Description  Diode Lasers, High Brightness 0.6 to 8.5 W, 8xx nm
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JDSU [JDS Uniphase Corporation]
Site Internet  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

24-00135 Fiches technique(HTML) 6 Page - JDS Uniphase Corporation

Back Button 24-00135 Datasheet HTML 2Page - JDS Uniphase Corporation 24-00135 Datasheet HTML 3Page - JDS Uniphase Corporation 24-00135 Datasheet HTML 4Page - JDS Uniphase Corporation 24-00135 Datasheet HTML 5Page - JDS Uniphase Corporation 24-00135 Datasheet HTML 6Page - JDS Uniphase Corporation 24-00135 Datasheet HTML 7Page - JDS Uniphase Corporation 24-00135 Datasheet HTML 8Page - JDS Uniphase Corporation 24-00135 Datasheet HTML 9Page - JDS Uniphase Corporation 24-00135 Datasheet HTML 10Page - JDS Uniphase Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
24XX SERIES DIODE LASERS
Electro-optical Specifications
Parameter
Symbol
2455-A1.2 W
2465-A 2.0 W
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Laser Characteristics
CW output power
Po
1.2
2.0
W
Center wavelength and tolerance
λc
808 (±2.5)
808 (±2.5)
nm
808 (±7)
808 (±7)
Spectral width
Δλ
–2
2
nm
Slope efficiency
ηd = Po/(Iop–Ith)
1.00
1.15
0.95
1.10
W/A
Conversion efficiency
η = Po/(IopVop)
45
45
%
Emitting dimensions
W x H
100 x 1
100 x 1
µm
FWHM beam divergence
Parallel to junction
θ
//
7
11
7
11
degrees
Perpendicular to junction
θ
30
33
30
33
degrees
90% power in angle beam divergence
Parallel to junction
θ
//,90%
5.6
5.6
degrees
Threshold current
Ith
0.32
0.40
0.65
0.75
A
Operating current
Iop
1.35
1.55
2.40
2.80
A
Operating voltage
Vop
1.9
2.0
1.8
2.0
V
Series resistance
Rs
0.27
0.09
0.12
Ω
Thermal resistance
Rth
12
6
°C/W
Recommended case temperature
Tc
15
30
15
30
°C
Absolute Maximum and Minimum Ratings
Breakdown voltage
Vb
3–
3
V
Case operating temperature
Top
-20
50
-20
50
°C
Storage temperature range
Tstg
-40
80
-40
80
°C
Lead soldering temperature
Tis
250 (5 sec.)
250 (5 sec.)
°C
Reliability (at Po, 25°C)
Mean time to failure
MTTF
200,000 –
200,000
Hr
Note:
Typical value at 25°C and 0.6 NA collection optics


Numéro de pièce similaire - 24-00135

FabricantNo de pièceFiches techniqueDescription
logo
CONEC Elektronische Bau...
24-001351 CONEC-24-001351 Datasheet
1Mb / 2P
   D-SUB C-Filter Male 37pos. solder pin angled 0.318 inch with metal bracket, threaded insert, fixing plate, PCB snap
10.09.2021
24-001352 CONEC-24-001352 Datasheet
1Mb / 2P
   D-SUB C-Filter Male 37pos. solder pin angled 0.318 inch with metal bracket, threaded insert, fixing plate, PCB snap
10.09.2021
24-001353 CONEC-24-001353 Datasheet
1Mb / 2P
   D-SUB C-Filter Male 37pos. solder pin angled 0.318 inch with metal bracket, threaded insert, fixing plate, PCB snap
10.09.2021
More results

Description similaire - 24-00135

FabricantNo de pièceFiches techniqueDescription
logo
JDS Uniphase Corporatio...
63-00352 JDSU-63-00352 Datasheet
323Kb / 5P
   Diode Lasers,High Brightness 10 W, 9xx nm
logo
Agere Systems
A1112 AGERE-A1112 Datasheet
53Kb / 6P
   A1112 High-Power 1550 nm DFB Source Lasers
logo
JDS Uniphase Corporatio...
54-00202 JDSU-54-00202 Datasheet
262Kb / 6P
   Diode Lasers, Single-mode 50 to 200 mW, 810/830/852 nm
logo
Lumics GmbH
LUXXXCYYY LUMICS-LUXXXCYYY Datasheet
336Kb / 3P
   Diode Laser @ 760 nm - 1470 nm up to 270 W
2022-01-10
LUXXXXDYYY-U LUMICS-LUXXXXDYYY-U Datasheet
4Mb / 3P
   Diode Laser @ 670 nm - 1940 nm up to 70 w
2022-01-11
LUXXXXDYYY LUMICS-LUXXXXDYYY Datasheet
4Mb / 3P
   Diode Laser @ 670 nm - 1940 nm up to 130 w
2022-01-11
LU1940D070-U LUMICS-LU1940D070-U Datasheet
568Kb / 2P
   Diode Laser @ 1940 nm up to 7 W
2020-11-04
LU1940D140 LUMICS-LU1940D140 Datasheet
639Kb / 2P
   Diode Laser @ 1940 nm up to 14 W
2020-11-10
logo
JDS Uniphase Corporatio...
PL-XLD-00-SH0-C5 JDSU-PL-XLD-00-SH0-C5 Datasheet
230Kb / 5P
   850 nm 8.5 G TOSA
PL-XXR-00-SH3-C6 JDSU-PL-XXR-00-SH3-C6 Datasheet
240Kb / 5P
   850 nm 8.5 G ROSA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com