Moteur de recherche de fiches techniques de composants électroniques |
|
SN74ALS1004DR Fiches technique(PDF) 6 Page - Texas Instruments |
|
SN74ALS1004DR Fiches technique(HTML) 6 Page - Texas Instruments |
6 / 14 page PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) 5962-88729012A ACTIVE LCCC FK 20 1 TBD Call TI Level-NC-NC-NC 5962-8872901CA ACTIVE CDIP J 14 1 TBD Call TI Level-NC-NC-NC 5962-8872901DA ACTIVE CFP W 14 1 TBD Call TI Level-NC-NC-NC SN54AS1004AJ ACTIVE CDIP J 14 1 TBD Call TI Level-NC-NC-NC SN74ALS1004D ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74ALS1004DE4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74ALS1004DR ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74ALS1004DRE4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74ALS1004N ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74ALS1004NE4 ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74ALS1004NSR ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74ALS1004NSRE4 ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74AS1004AD ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74AS1004ADE4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74AS1004ADR ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74AS1004ADRE4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74AS1004AN ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74AS1004AN3 OBSOLETE PDIP N 14 TBD Call TI Call TI SN74AS1004ANE4 ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74AS1004ANSR ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SN74AS1004ANSRE4 ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM SNJ54AS1004AFK ACTIVE LCCC FK 20 1 TBD Call TI Level-NC-NC-NC SNJ54AS1004AJ ACTIVE CDIP J 14 1 TBD Call TI Level-NC-NC-NC SNJ54AS1004AW ACTIVE CFP W 14 1 TBD Call TI Level-NC-NC-NC (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. PACKAGE OPTION ADDENDUM www.ti.com 17-Oct-2005 Addendum-Page 1 |
Numéro de pièce similaire - SN74ALS1004DR |
|
Description similaire - SN74ALS1004DR |