Moteur de recherche de fiches techniques de composants électroniques |
|
FWDM-1621-7D-47 Fiches technique(PDF) 1 Page - Finisar Corporation. |
|
FWDM-1621-7D-47 Fiches technique(HTML) 1 Page - Finisar Corporation. |
1 / 11 page © Finisar Corporation September 2005 Rev. F Product Specification Multi-rate CWDM Pluggable SFP Transceiver FWDM-1621-7D-xx PRODUCT FEATURES • Up to 2.67 Gb/s bi-directional data links • Hot-pluggable SFP footprint • Built-in digital diagnostic functions • Uncooled DFB laser transmitter in 8 possible CWDM wavelengths • APD Receiver • Very low jitter • Metal enclosure, for lower EMI • Single 3.3V power supply • Operating temperature range: 0°C to 70°C APPLICATIONS • Metro Access Rings and Point-to- Point networking for SONET, Gigabit Ethernet and Fibre Channel Finisar’s FWDM-1621-7D-xx CWDM Small Form Factor Pluggable (SFP) transceivers are designed for operation in Metro Access Rings and Point-to-Point networks using SONET 1, Gigabit Ethernet2 and Fibre Channel3 networking equipment. They are available in eight different CWDM wavelengths and comply with the ITU CWDM standard 4. Digital diagnostics functions are available via an I 2C serial bus. In addition, they comply with the Small Form Factor Pluggable Multi-Sourcing Agreement (MSA) 5. PRODUCT SELECTION Wavelength xx Clasp Color Code Wavelength xx Clasp Color Code 1470 nm 47 Gray 1550 nm 55 Yellow 1490 nm 49 Violet 1570 nm 57 Orange 1510 nm 51 Blue 1590 nm 59 Red 1530 nm 53 Green 1610 nm 61 Brown |
Numéro de pièce similaire - FWDM-1621-7D-47 |
|
Description similaire - FWDM-1621-7D-47 |