Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FWLF-1631-48 Fiches technique(PDF) 10 Page - Finisar Corporation.

No de pièce FWLF-1631-48
Description  RoHS Compliant DWDM SFP Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FINISAR [Finisar Corporation.]
Site Internet  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FWLF-1631-48 Fiches technique(HTML) 10 Page - Finisar Corporation.

Back Button FWLF-1631-48 Datasheet HTML 4Page - Finisar Corporation. FWLF-1631-48 Datasheet HTML 5Page - Finisar Corporation. FWLF-1631-48 Datasheet HTML 6Page - Finisar Corporation. FWLF-1631-48 Datasheet HTML 7Page - Finisar Corporation. FWLF-1631-48 Datasheet HTML 8Page - Finisar Corporation. FWLF-1631-48 Datasheet HTML 9Page - Finisar Corporation. FWLF-1631-48 Datasheet HTML 10Page - Finisar Corporation. FWLF-1631-48 Datasheet HTML 11Page - Finisar Corporation. FWLF-1631-48 Datasheet HTML 12Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
FWLF-1631-XX DWDM SFP Preliminary Product Specification – August 2005
F i n i s a r
© Finisar Corporation
PRELIMINARY and Confidential
Page 10
Rev B, August 2005
Serial ID Data Fields – Address A0 (Continued)
Data
Address
Value
Name of Field
Description of Field
EXTENDED ID FIELDS
64
00h
65
1Ah
Options
Indicates which optional transceiver signals are
implemented
66
00h
BR, max
Upper bit rate margin, units of %
67
00h
BR, min
Lower bit rate margin, units of %
68-83
e.g., A000000
Vendor SN
Serial number provided by Finisar (ASCII,
padded with spaces)
84-91
e.g., 990225
Date code
Finisar's manufacturing date code (ASCII)
92
68h
Diagnostic
Monitoring Type
Indicates which type of diagnostic monitoring is
implemented (if any) in the transceiver
93
F0h
Enhanced Options
Indicates which optional enhanced features are
implemented (if any) in the transceiver
94
01h
SFF-8472
Compliance
Indicates which revision of SFF-8472 the
transceiver complies with
95
CC_EXT
Check code for the Extended ID Fields
(addresses 64 to 94)
VENDOR SPECIFIC ID FIELDS
96-127
00h
Vendor Specific
Vendor Specific EEPROM
128-255
00h
Reserved
Reserved for future use.


Numéro de pièce similaire - FWLF-1631-48

FabricantNo de pièceFiches techniqueDescription
logo
Finisar Corporation.
FWLF-1631-XX FINISAR-FWLF-1631-XX Datasheet
205Kb / 10P
   DWDM SFP Transceiver
More results

Description similaire - FWLF-1631-48

FabricantNo de pièceFiches techniqueDescription
logo
Finisar Corporation.
FWDM-1629-17 FINISAR-FWDM-1629-17 Datasheet
97Kb / 10P
   DWDM SFP Transceiver
FWLF1631 FINISAR-FWLF1631 Datasheet
205Kb / 10P
   DWDM SFP Transceiver
logo
OPLINK Communications I...
S0255-TPD2XGKZRXXG OPLINK-S0255-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
logo
Finisar Corporation.
FWLF15197D47 FINISAR-FWLF15197D47 Datasheet
640Kb / 12P
   CWDM RoHS Compliant Pluggable SFP Transceiver
logo
OPLINK Communications I...
TPD1XGKZRXXG OPLINK-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
TPD2XGKZRXXG OPLINK-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
S0252-TPD1XGKZRXXG OPLINK-S0252-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
logo
Source Photonics, Inc.
SFPD-MR-08-15-A SOURCE-SFPD-MR-08-15-A Datasheet
542Kb / 8P
   Multirate DWDM SFP Transceiver
logo
Finisar Corporation.
FTLF8529P4BCV FINISAR-FTLF8529P4BCV Datasheet
844Kb / 12P
   16GFC RoHS Compliant Short Wavelength SFP Transceiver
FTLF8529P4BNV FINISAR-FTLF8529P4BNV Datasheet
919Kb / 12P
   16GFC RoHS Compliant Short Wavelength SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com