Moteur de recherche de fiches techniques de composants électroniques |
|
FWLF-1631-46 Fiches technique(PDF) 1 Page - Finisar Corporation. |
|
FWLF-1631-46 Fiches technique(HTML) 1 Page - Finisar Corporation. |
1 / 12 page F i n i s a r © Finisar Corporation PRELIMINARY and Confidential Page 1 Rev B, August 2005 Preliminary Product Specification RoHS Compliant DWDM SFP Transceiver FWLF-1631-XX PRODUCT FEATURES • Up to 2.7 Gb/s bi-directional data links • Hot-pluggable SFP footprint • Temperature-stabilized DWDM- rated DFB laser transmitter • 100GHz ITU Grid, C Band • Low dispersion DFB laser • RoHS compliant and lead free • Extended operating range: -5°C to 70°C case temperature • Wavelength controlled within ± 0.1 nm over life and temperature • Extended link budget with APD receiver technology • OC-48 LR-2 compliant APPLICATIONS • Amplified DWDM networks • Bandwidth aggregation • Ring topologies with fixed and reconfigurable OADMs Finisar’s Dense Wavelength-Division Multiplexing (DWDM) transceivers offer DWDM transport with dramatically lower power and cost in a standard pluggable Small Form Factor Pluggable (SFP) package 1. The FWLF-1631 is designed expressly for service providers deploying DWDM networking equipment in metropolitan access and core networks 2. The transceiver is RoHS compliant and lead free per Directive 2002/95/EC3, and Finisar Application Note AN-2038 4. Basic digital diagnostic features for the FWLF-1631 are implemented as described in Finisar Application Note AN-2030, “Digital Diagnostic Monitoring Interface for Optical Transceivers” 5. Optional enhanced digital diagnostic features are available per the DWDM SFP MSA 6. |
Numéro de pièce similaire - FWLF-1631-46 |
|
Description similaire - FWLF-1631-46 |