Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA6140A2YFF Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce TPA6140A2YFF
Description  CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPA6140A2YFF Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPA6140A2YFF Datasheet HTML 6Page - Texas Instruments TPA6140A2YFF Datasheet HTML 7Page - Texas Instruments TPA6140A2YFF Datasheet HTML 8Page - Texas Instruments TPA6140A2YFF Datasheet HTML 9Page - Texas Instruments TPA6140A2YFF Datasheet HTML 10Page - Texas Instruments TPA6140A2YFF Datasheet HTML 11Page - Texas Instruments TPA6140A2YFF Datasheet HTML 12Page - Texas Instruments TPA6140A2YFF Datasheet HTML 13Page - Texas Instruments TPA6140A2YFF Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
VDD − Supply Voltage − V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
f = 1 kHz
THD+N = 1%
G020
RL = 1 kΩ
RL = 600 Ω
RL = 16 Ω
RL = 32 Ω
PO − Total Output Power − mW
0.01
0.1
1
100
G019
10
RL = 16 Ω
1k
100
10
1
RL = 32 Ω
f − Frequency − Hz
−100
−80
−60
−40
−20
0
RL = 16 Ω
PO = 15 mW
20
100
1k
20k
G021
10k
f − Frequency − Hz
−150
−120
−90
−60
−30
0
0
5000
10000
15000
20000
Single Channel
RL = 16 Ω
G022
t − Time − ms
−1
0
1
2
3
4
5
0
1
2
3
4
5
6
7
8
9
10
G023
SDA
VOUT
Enable
RL = 16 Ω
VIN = 0.5 Vrms @ 1 kHz
t − Time −
µs
−1
0
1
2
3
4
5
0
50
100
150
200
RL = 16 Ω
VIN = 0.5 Vrms @ 20 kHz
G024
SDA
VOUT
Disable
TPA6140A2
SLOS598 – MARCH 2009 .................................................................................................................................................................................................. www.ti.com
TYPICAL CHARACTERISTICS (continued)
TA = 25°C, AVDD (VDD) = 3.6 V, GAIN = 0 dB, CHPVDD = CHPVSS = 2.2 µF, CINPUT = CFLYING = 1 µF, Outputs out of phase
TOTAL POWER DISSIPATION
OUTPUT VOLTAGE
vs
vs
TOTAL OUTPUT POWER
SUPPLY VOLTAGE
Figure 21.
Figure 22.
CROSSTALK
OUTPUT AMPLITUDE
vs
vs
FREQUENCY
FREQUENCY
Figure 23.
Figure 24.
STARTUP WAVEFORM
SHUTDOWN WAVEFORM
vs
vs
TIME
TIME
Figure 25.
Figure 26.
10
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TPA6140A2


Numéro de pièce similaire - TPA6140A2YFF

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA6140A2 TI-TPA6140A2_15 Datasheet
1,012Kb / 30P
[Old version datasheet]   CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
More results

Description similaire - TPA6140A2YFF

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA6140A2 TI-TPA6140A2_15 Datasheet
1,012Kb / 30P
[Old version datasheet]   CLASS-G DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
TEXAS ADVANCED OPTOELEC...
TPA6130A2 TAOS-TPA6130A2 Datasheet
1Mb / 28P
   138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
logo
Texas Instruments
TPA6130A2 TI-TPA6130A2_07 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI-TPA6130A2 Datasheet
1Mb / 26P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2_0701 TI-TPA6130A2_0701 Datasheet
1Mb / 29P
[Old version datasheet]   138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH I2C VOLUME CONTROL
TPA6130A2 TI1-TPA6130A2_17 Datasheet
1Mb / 39P
[Old version datasheet]   138-mW DIRECTPATH Stereo Headphone Amplifier with I2C Volume Control
LM48824 TI1-LM48824 Datasheet
1Mb / 29P
[Old version datasheet]   Class G Headphone Amplifier with I2C Volume Control
logo
National Semiconductor ...
LM48824 NSC-LM48824 Datasheet
1Mb / 28P
   Class G Headphone Amplifier with I2C Volume Control
logo
STMicroelectronics
TS4621E STMICROELECTRONICS-TS4621E Datasheet
1Mb / 32P
   High-performance class-G stereo headphone amplifier with I2C volume control
September 2011 Rev 1
TS4621B STMICROELECTRONICS-TS4621B Datasheet
2Mb / 48P
   High-performance class-G stereo headphone amplifier with I2C volume control
September 2011 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com