Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FWA-250B Fiches technique(PDF) 5 Page - Cooper Bussmann, Inc.

No de pièce FWA-250B
Description  High Speed Fuses
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COOPER [Cooper Bussmann, Inc.]
Site Internet  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FWA-250B Fiches technique(HTML) 5 Page - Cooper Bussmann, Inc.

  FWA-250B Datasheet HTML 1Page - Cooper Bussmann, Inc. FWA-250B Datasheet HTML 2Page - Cooper Bussmann, Inc. FWA-250B Datasheet HTML 3Page - Cooper Bussmann, Inc. FWA-250B Datasheet HTML 4Page - Cooper Bussmann, Inc. FWA-250B Datasheet HTML 5Page - Cooper Bussmann, Inc. FWA-250B Datasheet HTML 6Page - Cooper Bussmann, Inc. FWA-250B Datasheet HTML 7Page - Cooper Bussmann, Inc. FWA-250B Datasheet HTML 8Page - Cooper Bussmann, Inc. FWA-250B Datasheet HTML 9Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
High Speed Fuses
For product data sheets, visit www.cooperbussmann.com/products/datasheet.asp
91
Dimensions (in)
Catalog Number
Fig. BCDThread Depth
FWA-1000AH-2000AH
1
2.0
1.0
Tapped 38”-24 x 12
FWA-2500AH-3000AH
1
3.0
1.5
Tapped 12”-20 x 12
FWA-4000AH
2
3.5
1.5
1.5
Tapped 12”-20 x 12
1mm = 0.0394∑ / 1∑ = 25.4mm
Fig. 1: 1000-3000A
Fig. 2: 4000A
1.875
B
C
1.875
C
B
D
Arc Voltage
This curve gives the peak
arc voltage, UL, which
may appear across the
fuse during its operation
as a function of the
applied working voltage,
Eg, (rms) at a power fac-
tor of 15%.
Power Losses
Watts loss at rated current
is given in the electrical
characteristics. The curve
allows the calculation of
the power losses at load
currents lower than the
rated current. The correc-
tion factor, Kp, is given as
a function of the RMS load
current, Ib, in % of the
rated current.
Catalog Numbers
Electrical Characteristics
I
2t (A2 Sec)
Catalog
Rated Current
Clearing
Watts
Numbers
RMS-Amps
Pre-arc
at 130V
Loss
FWA-1000AH
1000
170000
460000
60
FWA-1200AH
1200
270000
730000
70
FWA-1500AH
1500
520000
1400000
78
FWA-2000AH
2000
860000
2400000
108
FWA-2500AH
2500
1500000
4100000
130
FWA-3000AH
3000
2100000
5700000
150
FWA-4000AH
4000
3400000
9200000
257
• Watts loss provided at rated current.
• See accessories on page 106.
Features and Benefits
• Excellent dc performance
• Low arc voltage and low energy let-through (I2t)
• Low watts loss
• Superior cycling capability
Typical Applications
• DC common bus
• DC drives
• Power converters/rectifiers
• Reduced voltage starters
North American — FWA 130V: 1000-4000A
FWA
Specifications
Description:
North American
style flush-end high speed fuses.
Dimensions:
See Dimensions
illustrations.
Ratings:
Volts: — 130Vac
Amps: — 1000-4000A
IR: — 200kA RMS Sym.
— 50kA @130Vdc
Agency Information:
CE, UL Recognized on 1000-2000A
fuses
Electrical Characteristics
Total Clearing I2t
The total clearing I2t at
rated voltage and at power
factor of 15% are given in
the electrical characteris-
tics. For other voltages, the
clearing I2t is found by
multiplying by correction
factor, K, given as a func-
tion of applied working
voltage, Eg, (rms).
130
104
65
26
1.5
1.0
0.5
0.3
0.2
0.15
Eg
K
U
L
E
g
200
100
100
150
50
300
Kp
1.0
0.8
0.4
0.5
0.6
0.3
0.2
0.1
30 40 50
60
70
80 90 100%
I
b


Numéro de pièce similaire - FWA-250B

FabricantNo de pièceFiches techniqueDescription
logo
Cooper Bussmann, Inc.
FWA-25A10F COOPER-FWA-25A10F Datasheet
1Mb / 21P
   Ferrule fuses
More results

Description similaire - FWA-250B

FabricantNo de pièceFiches techniqueDescription
logo
Cooper Bussmann, Inc.
1302-C001-AA COOPER-1302-C001-AA Datasheet
150Kb / 20P
   High Speed Fuses
FWH-300A COOPER-FWH-300A Datasheet
160Kb / 2P
   High Speed Fuses
logo
List of Unclassifed Man...
BH-0111 ETC2-BH-0111 Datasheet
1Mb / 8P
   Compact high speed fuses
logo
Cooper Bussmann, Inc.
FWH-250A6F COOPER-FWH-250A6F Datasheet
297Kb / 2P
   6x32mm high speed ferrule fuses
FWA-50A21F COOPER-FWA-50A21F Datasheet
194Kb / 2P
   Ferrule style high speed fuses.
logo
Eaton All Rights Reserv...
DFJ EATON-DFJ Datasheet
1Mb / 4P
   DFJ Class J high speed fuses
logo
Cooper Bussmann, Inc.
DFJ-15 COOPER-DFJ-15_15 Datasheet
551Kb / 4P
   DFJ Class J high speed fuses
logo
Eaton All Rights Reserv...
FWH EATON-FWH Datasheet
619Kb / 2P
   FWH 6x32mm high speed ferrule fuses
logo
Littelfuse
L50QS LITTELFUSE-L50QS Datasheet
911Kb / 12P
   L50QS SERIES HIGH-SPEED ROUND BODY FUSES
PSR030FL0550Z LITTELFUSE-PSR030FL0550Z Datasheet
4Mb / 28P
   PSR SERIES HIGH-SPEED SQUARE BODY FUSES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com