Moteur de recherche de fiches techniques de composants électroniques |
|
FWDM-1629-34 Fiches technique(PDF) 6 Page - Finisar Corporation. |
|
FWDM-1629-34 Fiches technique(HTML) 6 Page - Finisar Corporation. |
6 / 10 page FWDM-1629-XX DWDM SFP Preliminary Product Specification – February 2005 F i n i s a r © Finisar Corporation PRELIMINARY and Confidential Page 6 Rev C, February 2005 V. Optical Parameters Parameter Symbol Min Typ Max Units Notes/Conditions TRANSMITTER CHARACTERISTICS Center Wavelength Spacing 100 GHz Corresponds to approximately 0.8 nm Spectral Width ∆λ 20 0.2 0.3 nm Full width, -20dB from max Transmitter Center Wavelength – End of Life λ c X - 100 X X + 100 pm X = specified center wavelength Transmitter Center Wavelength – Start of Life λ c Y - 25 Y Y + 25 pm Y = X – 60pm Side Mode Suppression Ratio (SMSR) SMSR 30 dB Modulated Optical Rise/Fall Time tr / tf 200 ps Unfiltered, 80% -20% Transmitter Optical Output Power Pout 0 +4 dBm Average power coupled into single mode fiber Transmitter Extinction Ratio OMI 9.0 dB Transmitter Eye Opening 40 % IEEE 802.3 and Fibre Channel Eye Mask Margin Relative Intensity Noise RIN -120 dB/Hz Dispersion Penalty at 180km 3.0 dB 3600ps/nm. See Note 3. RECEIVER CHARACTERISTICS Optical Input Wavelength Pin 1520 1570 nm Receiver Jitter Generation 100 ps Peak to peak, -25 dBm Rx power Optical Input Power (BER < 10 -9) Pin -32 -9 dBm 1.25 Gb/s w/ PRBS 2 7 -1 Optical Input Power (BER < 10 -12) Pin -30 -9 dBm 1.25 Gb/s w/ PRBS 2 7 -1 Optical Input Power – Receiver Damage Threshold 6 dBm Receiver Reflectance RRX -27 dB OSNR Limit OSNRmin 20 dB OSNR Penalty 2.0 dB For OSNR = OSNRmin. See Note 4. Notes: 1. Parameters are specified over temperature and voltage, at end of life unless otherwise noted. 2. All parameters are measured on a Finisar SFP Evaluation Card unless otherwise noted. 3. Dispersion penalty is measured in loop back with OSNR set at Rx < 28 dB. Data rate and pattern used same as specified for Optical Input Power. Dispersion penalty is measured at BER = 10 -10 4. OSNR penalty is measured in loop back. Data rate and pattern used is same as specified for Optical Input Power. OSNR penalty is measured at BER = 10 -10 |
Numéro de pièce similaire - FWDM-1629-34 |
|
Description similaire - FWDM-1629-34 |