Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AS244ADWR Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74AS244ADWR
Description  OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74AS244ADWR Fiches technique(HTML) 3 Page - Texas Instruments

  SN74AS244ADWR Datasheet HTML 1Page - Texas Instruments SN74AS244ADWR Datasheet HTML 2Page - Texas Instruments SN74AS244ADWR Datasheet HTML 3Page - Texas Instruments SN74AS244ADWR Datasheet HTML 4Page - Texas Instruments SN74AS244ADWR Datasheet HTML 5Page - Texas Instruments SN74AS244ADWR Datasheet HTML 6Page - Texas Instruments SN74AS244ADWR Datasheet HTML 7Page - Texas Instruments SN74AS244ADWR Datasheet HTML 8Page - Texas Instruments SN74AS244ADWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
SN54ALS244C, SN54AS244A, SN74ALS244C, SN74AS244A
OCTAL BUFFERS AND LINE DRIVERS
WITH 3-STATE OUTPUTS
SDAS142C – JULY 1987 – REVISED AUGUST 1995
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
SN54ALS244C
SN74ALS244C
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low level input voltage
0.8†
0.8
V
VIL
Low-level input voltage
0.7‡
V
IOH
High-level output current
–12
–15
mA
IOL
Low level output current
12
24
mA
IOL
Low-level output current
48§
mA
TA
Operating free-air temperature
–55
125
0
70
°C
† Applies over temperature range – 55
°C to 70°C
‡ Applies over temperature range 70
°C to 125°C
§ Applies only to the -1 version and only if VCC is between 4.75 V and 5.25 V
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54ALS244C
SN74ALS244C
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP¶
MAX
MIN
TYP¶
MAX
UNIT
VIK
VCC = 4.5 V,
II = – 18 mA
– 1.5
– 1.5
V
VCC =4 5Vto5 5V
IOH = – 0.4 mA
VCC –2
VCC –2
VOH
VCC = 4.5 V to 5.5 V
IOH = – 3 mA
2.4
3.2
2.4
3.2
V
VOH
VCC =4 5V
IOH = – 12 mA
2
V
VCC = 4.5 V
IOH = – 15 mA
2
IOL = 12 mA
0.25
0.4
0.25
0.4
VOL
VCC = 4.5 V
IOL = 24 mA
0.35
0.5
V
IOL = 48 mA (-1 version)
0.35
0.5
IOZH
VCC = 5.5 V,
VO = 2.7 V
20
20
µA
IOZL
VCC = 5.5 V,
VO = 0.4 V
–20
–20
µA
II
VCC = 5.5 V,
VI = 7 V
0.1
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
IIL
VCC = 5.5 V,
VI = 0.4 V
– 0.1
– 0.1
mA
IO#
VCC = 5.5 V,
VO = 2.25 V
–20
–112
–30
–112
mA
Outputs high
9
18
9
17
ICC
VCC = 5.5 V
Outputs low
15
25
15
24
mA
Outputs disabled
17
29
17
27
¶ All typical values are at VCC = 5 V, TA = 25°C.
# The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.


Numéro de pièce similaire - SN74AS244ADWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AS244ADWR TI1-SN74AS244ADWR Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
SN74AS244ADWR TI1-SN74AS244ADWR Datasheet
1Mb / 25P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
REVISED AUGUST 1995
More results

Description similaire - SN74AS244ADWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54HC241 TI-SN54HC241_06 Datasheet
433Kb / 14P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT541 TI-SN54HCT541_07 Datasheet
512Kb / 18P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC541 TI-SN54HC541_07 Datasheet
604Kb / 17P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT244 TI1-SN54HCT244_16 Datasheet
1Mb / 23P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74HCT541 TI-SN74HCT541 Datasheet
336Kb / 13P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3 STATE OUTPUTS
SN54HC244 TI-SN54HC244 Datasheet
534Kb / 16P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT244 TI-SN54HCT244 Datasheet
529Kb / 16P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT541 TI-SN54HCT541 Datasheet
93Kb / 6P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC241 TI1-SN54HC241_16 Datasheet
1Mb / 20P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54LS240 TI-SN54LS240_06 Datasheet
638Kb / 24P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com