Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74ALS521N Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74ALS521N
Description  8-BIT IDENTITY COMPARATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS521N Fiches technique(HTML) 6 Page - Texas Instruments

Back Button SN74ALS521N Datasheet HTML 2Page - Texas Instruments SN74ALS521N Datasheet HTML 3Page - Texas Instruments SN74ALS521N Datasheet HTML 4Page - Texas Instruments SN74ALS521N Datasheet HTML 5Page - Texas Instruments SN74ALS521N Datasheet HTML 6Page - Texas Instruments SN74ALS521N Datasheet HTML 7Page - Texas Instruments SN74ALS521N Datasheet HTML 8Page - Texas Instruments SN74ALS521N Datasheet HTML 9Page - Texas Instruments SN74ALS521N Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
SN54ALS520, SN74ALS518, SN74ALS520, SN74ALS521
8-BIT IDENTITY COMPARATORS
SDAS224B – JUNE 1982 – REVISED NOVEMBER 1995
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 680 Ω,
TA = MIN to MAX†
UNIT
(INPUT)
(OUTPUT)
SN74ALS518
MIN
MAX
tPLH
PorQ
PQ
15
33
ns
tPHL
P or Q
P = Q
3
15
ns
tPLH
G
P=Q
15
33
ns
tPHL
G
P = Q
3
15
ns
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI: Q inputs of ′ALS520
VCC + 0.5 V or 5.5 V, whichever is less
. . . . . . . . . . . . . . . . . . . . . . . . .
All other inputs
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: SN54ALS520
– 55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74ALS520, SN74ALS521
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions
SN54ALS520
SN74ALS520
SN74ALS521
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.7
0.8
V
IOH
High-level output current
–1
– 2.6
mA
IOL
Low-level output current
12
24
mA
TA
Operating free-air temperature
–55
125
0
70
°C


Numéro de pièce similaire - SN74ALS521N

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ALS521N TI-SN74ALS521N Datasheet
256Kb / 6P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN74ALS521N TI-SN74ALS521N Datasheet
458Kb / 16P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN74ALS521N TI1-SN74ALS521N Datasheet
1Mb / 21P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN74ALS521NE4 TI-SN74ALS521NE4 Datasheet
458Kb / 16P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN74ALS521NSR TI-SN74ALS521NSR Datasheet
458Kb / 16P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
More results

Description similaire - SN74ALS521N

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
54AC11521 TI1-54AC11521_09 Datasheet
87Kb / 5P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN54ALS688 TI-SN54ALS688_08 Datasheet
666Kb / 16P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN54F521 TI-SN54F521_07 Datasheet
617Kb / 15P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN54AL520 TI-SN54AL520 Datasheet
138Kb / 9P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN54HC688 TI-SN54HC688_07 Datasheet
518Kb / 15P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN54F520 TI-SN54F520 Datasheet
74Kb / 5P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN54ALS520 TI1-SN54ALS520_16 Datasheet
1Mb / 21P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN54HC688 TI1-SN54HC688_16 Datasheet
1Mb / 19P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN54ALS520 TI-SN54ALS520_06 Datasheet
458Kb / 16P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
SN54ALS688 TI-SN54ALS688_07 Datasheet
544Kb / 16P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
74ACT11520 TI1-74ACT11520 Datasheet
105Kb / 7P
[Old version datasheet]   8-BIT IDENTITY COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com