Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

UF10.5 Datasheet(Fiches technique) 1 Page - YUXIANG Magnetc materials Ind. Co., Ltd.

Numéro de pièce UF10.5
Description  UF cores and UI cores
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  YUXIANG [YUXIANG Magnetc materials Ind. Co., Ltd.]
Site Internet  http://www.magnet-tech.com
Logo YUXIANG - YUXIANG Magnetc materials Ind. Co., Ltd.

UF10.5 Datasheet(HTML) 1 Page - YUXIANG Magnetc materials Ind. Co., Ltd.

  UF10.5 Datasheet HTML 1Page - YUXIANG Magnetc materials Ind. Co., Ltd. UF10.5 Datenblatt HTML 2Page - YUXIANG Magnetc materials Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UF & UI Core
Features of UF cores and UI cores
UF-core and UI-core, these Soft ferrite shapes are available in lamination materials (for stacking), powdered
material (typically powdered iron), and ferrite materials. In laminated form, features of UF cores and UI cores are
similar to that of the "C" core, and can take full advantage of grain orientation while their laminated counterparts
only take about 60% to 80%. UF cores and UI cores possess excellent heat dissipation, and there is lots of room
available for lead wires, but self-shielding is poor. UF core, UI core and other “U” cores have two core legs. Coils
can be placed over either or both legs. Using coils on separate legs is great for high voltage isolation between coils.
The mean turn length of two coils on separate legs (sharing the whole winding window) is smaller than 1 coil on one
leg (occupying the whole winding window), hence the two coils connected in series has less winding resistance.
Application of UF core and UI core:
The U series core features wide distributing permeability and can be chosen and matched according to filter's
frequency. As a power ferrite, it is a good choice using in fields of ignitor and energy-saving products. UF core and
UI core may be used as “split-core” current transformers, output transformer core, line transformer core, and
Inverter core. UF core is mainly application with line filters in color TV sets; UI core: Line filters, Inverter
transformers
Dimensions (mm)
Type
A
B
C
Dmin
E
F
I
UF8.5
8.5±0.2
6.4±0.2
3.45±0.15
3.8
2.3
4.15±0.15
UF8.6
8.6±0.2
6.45±0.2
3.6±0.2
4.0
2.2±0.15
4.2±0.2
UF9.8
9.8±0.3
7.1±0.2
2.9±0.2
4.1
2.9±0.2
4.3±0.2
UF9.8A
9.8±0.3
7.1±0.2
2.7±0.2
4.1
2.8
4.25±0.2
UF10.1
10.1±0.3
7.5±0.25
2.9±0.2
3.9
2.95±0.15
4.5±0.25
UF10.5
10.5±0.3
7.8±0.4
5.0±0.2
5.2
2.4±0.2
5.3±0.3
UF10.5A
10.5±0.4
7.8±0.3
5.0±0.2
5.2
2.5
5.25±0.25
UF12
12.0±0.3
9.2±0.3
3.95±0.15
4.1
3.85
5.05±0.15
UF15A
15.0±0.3
11.4±0.3
6.4±0.2
5.4
4.7
6.5±0.2
UF15.7
15.7±0.6
9.7±0.25
6.0±0.3
6.3
4.5±0.2
6.0±0.3
UF16
16.0 +0.4
10.0±0.3
6.0±0.2
6.7
4.6±0.2
6.0±0.3


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
E14-3.5-5Planar E cores and accessories 1 2 3 4 5 MoreFERYSTER Inductive Components Manufacturer
E14-3.5-5-RPlanar E cores and accessories 1 2 3 4 5 MoreFERYSTER Inductive Components Manufacturer
E18-4-10Planar E cores and accessories 1 2 3 4 5 MoreFERYSTER Inductive Components Manufacturer
EPCFerrite Cores For Power Supply and Signal Transformer EPC Cores 1 2 TDK Electronics
E22-6-16Planar E cores and accessories 1 2 3 4 5 MoreFERYSTER Inductive Components Manufacturer
E32-6-20Planar E cores and accessories 1 2 3 4 5 MoreFERYSTER Inductive Components Manufacturer
E38-8-25Planar E cores and accessories 1 2 3 4 5 MoreFERYSTER Inductive Components Manufacturer
LPT3535Inductors/Transformers Customizable Surface Mount Torodial Kool-Mu Powered Iron and MPP Cores 1 2 3 Vishay Siliconix
E43-10-28Planar E cores and accessories 1 2 3 4 5 MoreFERYSTER Inductive Components Manufacturer

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn