Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VZC-6967V7 Fiches technique(PDF) 1 Page - Communications & Power Industries, Inc.

No de pièce VZC-6967V7
Description  750W Outdoor TWT Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CPI [Communications & Power Industries, Inc.]
Site Internet  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

VZC-6967V7 Fiches technique(HTML) 1 Page - Communications & Power Industries, Inc.

  VZC-6967V7 Datasheet HTML 1Page - Communications & Power Industries, Inc. VZC-6967V7 Datasheet HTML 2Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Plays in the Rain
Provides 750 watts of power in a rugged and
compact weatherproof package, digital ready,
for wideband, single- and multi-carrier satellite
service in the 5.85 - 6.65 GHz frequency band.
Ideal for transportable and fixed earth
station applications.
Cost Effective and Efficient
Mounting at the antenna improves performance
through minimized cable losses and saves cost in
system design. Employs a high efficiency, dual-
depressed collector helix traveling wave tube,
reducing operating costs.
Reliable
Designed and built to survive in extremely
adverse environmental conditions and features
increased cooling margin for longer life.
Simple to Operate
User-friendly microprocessor-controlled logic
with integrated RS422/485 computer interface.
Digital metering, pin diode attenuation and
optional integrated linearizer for improved
intermodulation performance.
Easy to Maintain
Modular design and built-in fault diagnostic
capability via remote monitor and control.
Global Applications
Meets International Safety Standard EN-60215,
Electromagnetic Compatibility 2004/108/EC
and Harmonic Standard EN-61000-3-2 to satisfy
worldwide requirements.
Worldwide Support
Backed by over three decades of satellite
communications experience, and CPI’s worldwide
24-hour customer support network that includes
sixteen regional factory service centers.
750W Outdoor TWT Amplifier
for Satellite Communications
The VZC-6967V7
750 Watt TWT Medium
Power Amplifier
— high efficiency in an
environmentally sealed
compact package
designed for outdoor
operation
C-Band
CPI satcom division headquarters
811 Hansen Way
P.O. Box 51625, Palo Alto, CA 94303
tel: +1 (650) 846-3803
fax: +1 (650) 424-1744
e-mail: marketing@satcom.cpii.com
www.cpii.com/satcom


Numéro de pièce similaire - VZC-6967V7

FabricantNo de pièceFiches techniqueDescription
logo
Communications & Power ...
VZC-6967AH CPI-VZC-6967AH Datasheet
170Kb / 2P
   750W Compact High Power Amplifier
VZC-6967AM CPI-VZC-6967AM Datasheet
170Kb / 2P
   750W Compact High Power Amplifier
VZC-6967AN CPI-VZC-6967AN Datasheet
159Kb / 2P
   750W Compact High Power Amplifier
More results

Description similaire - VZC-6967V7

FabricantNo de pièceFiches techniqueDescription
logo
Communications & Power ...
VZU-6998VY CPI-VZU-6998VY Datasheet
140Kb / 2P
   750W Outdoor TWT Amplifier
VZX-6987V7 CPI-VZX-6987V7 Datasheet
143Kb / 2P
   750W Outdoor TWT Medium Power Amplifier
VZU-6997V CPI-VZU-6997V Datasheet
139Kb / 2P
   750W Outdoor TWT Medium Power Amplifier
VZA-6903E CPI-VZA-6903E Datasheet
173Kb / 2P
   750W Outdoor EIK Amplifier
T04UO CPI-T04UO Datasheet
142Kb / 2P
   400W Outdoor TWT Amplifier
T04XO CPI-T04XO Datasheet
125Kb / 2P
   400W Outdoor TWT Amplifier
T04CO CPI-T04CO Datasheet
142Kb / 2P
   400W Outdoor TWT Amplifier
T03DO CPI-T03DO Datasheet
146Kb / 2P
   270W Outdoor TWT Amplifier
T02MO CPI-T02MO Datasheet
148Kb / 2P
   200W Outdoor TWT Amplifier
T02UO-2G CPI-T02UO-2G Datasheet
157Kb / 2P
   200W Outdoor TWT Amplifier
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com